Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 137Page - Renesas Technology Corp HD64F2145 Datasheet HTML 138Page - Renesas Technology Corp HD64F2145 Datasheet HTML 139Page - Renesas Technology Corp HD64F2145 Datasheet HTML 140Page - Renesas Technology Corp HD64F2145 Datasheet HTML 141Page - Renesas Technology Corp HD64F2145 Datasheet HTML 142Page - Renesas Technology Corp HD64F2145 Datasheet HTML 143Page - Renesas Technology Corp HD64F2145 Datasheet HTML 144Page - Renesas Technology Corp HD64F2145 Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 829 page
background image
Rev. 2.0, 08/02, page 101 of 788
5.6.2
Interrupt Control Mode 1
In interrupt control mode 1, mask control is applied to three levels for IRQ and on-chip peripheral
module interrupt requests by comparing the I and UI bits in CCR in the CPU, and the ICR setting.
• An interrupt request with interrupt control level 0 is accepted when the I bit in CCR is cleared
to 0. When the I bit is set to 1, the interrupt request is held pending
• An interrupt request with interrupt control level 1 is accepted when the I bit or UI bit in CCR is
cleared to 0. When both I and UI bits are set to 1, the interrupt request is held pending.
For instance, the state transition when the interrupt enable bit corresponding to each interrupt is set
to 1, and ICRA to ICRC are set to H’20, H’00, and H’00, respectively (IRQ2 and IRQ3 interrupts
are set to control level 1, and other interrupts are set to control level 0) is shown below. Figure 5.5
shows a state transition diagram.
• All interrupt requests are accepted when I = 0. (Priority order: NMI > IRQ2 > IRQ3 > address
break > IRQ0 > IRQ1 …)
• Only NMI, IRQ2, IRQ3 and address break interrupt requests are accepted when I = 1 and UI =
0.
• Only an NMI and address break interrupt request is accepted when I = 1 and UI = 1.
Only NMI and address break
interrupt requests are accepted
All interrupt requests
are accepted
Exception handling execution
or I
1, UI
1
I
0
I
1, UI
0
I
0
UI
0
Exception handling
execution or UI
1
Only NMI, address break, IRQ2,
and IRQ3 interrupt requests
are accepted
Figure 5.5 State Transition in Interrupt Control Mode 1
Figure 5.6 shows a flowchart of the interrupt acceptance operation.
1. If an interrupt source occurs when the corresponding interrupt enable bit is set to 1, an
interrupt request is sent to the interrupt controller.
2. According to the interrupt control level specified in ICR, the interrupt controller only accepts
an interrupt request with interrupt control level 1 (priority), and holds pending an interrupt
request with interrupt control level 0 (no priority). If several interrupt requests are issued, an
interrupt request with the highest priority is accepted according to the priority order, an
interrupt handling is requested to the CPU, and other interrupt requests are held pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com