Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 141Page - Renesas Technology Corp HD64F2145 Datasheet HTML 142Page - Renesas Technology Corp HD64F2145 Datasheet HTML 143Page - Renesas Technology Corp HD64F2145 Datasheet HTML 144Page - Renesas Technology Corp HD64F2145 Datasheet HTML 145Page - Renesas Technology Corp HD64F2145 Datasheet HTML 146Page - Renesas Technology Corp HD64F2145 Datasheet HTML 147Page - Renesas Technology Corp HD64F2145 Datasheet HTML 148Page - Renesas Technology Corp HD64F2145 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 829 page
background image
Rev. 2.0, 08/02, page 105 of 788
5.6.4
Interrupt Response Times
Table 5.5 shows interrupt response times
− the intervals between generation of an interrupt request
and execution of the first instruction in the interrupt handling routine. The execution status
symbols used in table 5.5 are explained in table 5.6.
Table 5.5
Interrupt Response Times
No.
Execution Status
Normal Mode
Advanced Mode
1
Interrupt priority determination*
1
3
2
Number of wait states until executing
instruction ends*
2
1 to (19 + 2·SI)
3
PC, CCR stack save
2·SK
2·SK
4
Vector fetch
SI
2·SI
5
Instruction fetch*
3
2·SI
6
Internal processing*
4
2
Total (using on-chip memory)
11 to 31
12 to 32
Notes: 1. Two states in case of internal interrupt.
2. Refers to MULXS and DIVXS instructions.
3. Prefetch after interrupt acceptance and prefetch of interrupt handling routine.
4. Internal processing after interrupt acceptance and internal processing after vector fetch.
Table 5.6
Number of States in Interrupt Handling Routine Execution Status
Object of Access
External Device
8-Bit Bus
16-Bit Bus
Symbol
Internal
Memory
2-State
Access
3-State
Access
2-State
Access
3-State
Access
Instruction fetch SI
Branch address read SJ
Stack manipulation SK
1
4
6 + 2m
2
3 + m
Legend
m:
Number of wait states in external device access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com