Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 143Page - Renesas Technology Corp HD64F2145 Datasheet HTML 144Page - Renesas Technology Corp HD64F2145 Datasheet HTML 145Page - Renesas Technology Corp HD64F2145 Datasheet HTML 146Page - Renesas Technology Corp HD64F2145 Datasheet HTML 147Page - Renesas Technology Corp HD64F2145 Datasheet HTML 148Page - Renesas Technology Corp HD64F2145 Datasheet HTML 149Page - Renesas Technology Corp HD64F2145 Datasheet HTML 150Page - Renesas Technology Corp HD64F2145 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 829 page
background image
Rev. 2.0, 08/02, page 107 of 788
Operation Order: If the same interrupt is selected as a DTC activation source and a CPU
interrupt source, the DTC data transfer is performed first, followed by CPU interrupt exception
handling.
Table 5.7 shows the interrupt factor clear control and selection of interrupt factors by specification
of the DTCE bit of DTC's DTCERA to DTCERH, and the DISEL bit of DTC's MRB.
Table 5.7
Interrupt Source Selection and Clearing Control
Settings
DTC
Interrupt Sources Selection/Clearing Control
DTCE
DISEL
DTC
CPU
0
*
×
O
0
O
×
1
1
oO
Legend
O:
The relevant interrupt is used. Interrupt source clearing is performed.
(The CPU should clear the source flag in the interrupt handling routine.)
o:
The relevant interrupt is used. The interrupt source is not cleared.
×:
The relevant interrupt cannot be used.
*:
Don’t care
Note:
The SCI, IIC, LPC, or A/D converter interrupt source is cleared when the DTC reads or
writes to the prescribed register, and is not dependent upon the DISEL bit.
5.7
Address Break
5.7.1
Features
This LSI can determine the specific address prefetch by the CPU to generate an address break
interrupt by setting ABRKCR and BAR. If an address break interrupt is generated, the address
break interrupt exception handling is performed.
With this function, the execution start point of a program containing a bug is detected and
execution is branched to the correcting program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com