| Electronic Components Datasheet Search |
|
HD64F2145 Datasheet(PDF) 148 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 Datasheet(HTML) 148 Page - Renesas Technology Corp |
|
148 / 829 page ![]() Rev. 2.0, 08/02, page 108 of 788 5.7.2 Block Diagram Figure 5.9 shows a block diagram of the address break. ABRKCR BAR Control logic Comparator Match signal Address break interrupt request Internal address Prefetch signal (internal signal) Figure 5.9 Address Break Block Diagram 5.7.3 Operation If the CPU prefetches an address specified in BAR by setting ABRKCR and BAR, an address break interrupt can be generated. This address break function generates an interrupt request to the interrupt controller at prefetch, and determines the priority by the interrupt controller. When an interrupt is accepted, an interrupt exception handling is activated after the current instruction has been completed. Note that the interrupt mask control according to the I and UI bits in CCR of the CPU is invalid to an address break interrupt. To use the address break function, set each register as follows: 1. Set a break address in the A23 to A1 bits in BAR. 2. Set the BIE bit in ABRKCR to 1 to enable the address break. When the BIE bit is cleared to 0, an address break is not requested. When the setting conditions are satisfied, the CMF flag in ABRKCR is set to 1 to request an interrupt. The interrupt source should be determined by the interrupt handling routine if necessary. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |