Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 151 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 151 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 147Page - Renesas Technology Corp HD64F2145 Datasheet HTML 148Page - Renesas Technology Corp HD64F2145 Datasheet HTML 149Page - Renesas Technology Corp HD64F2145 Datasheet HTML 150Page - Renesas Technology Corp HD64F2145 Datasheet HTML 151Page - Renesas Technology Corp HD64F2145 Datasheet HTML 152Page - Renesas Technology Corp HD64F2145 Datasheet HTML 153Page - Renesas Technology Corp HD64F2145 Datasheet HTML 154Page - Renesas Technology Corp HD64F2145 Datasheet HTML 155Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 829 page
background image
Rev. 2.0, 08/02, page 111 of 788
5.8
Usage Notes
5.8.1
Conflict between Interrupt Generation and Disabling
When an interrupt enable bit is cleared to 0 to disable interrupt requests, the disabling becomes
effective after execution of the instruction. When an interrupt enable bit is cleared to 0 by an
instruction such as BCLR or MOV, and if an interrupt is generated during execution of the
instruction, the interrupt concerned will still be enabled on completion of the instruction, so
interrupt exception handling for that interrupt will be executed on completion of the instruction.
However, if there is an interrupt request of higher priority than that interrupt, interrupt exception
handling will be executed for the higher-priority interrupt, and the lower-priority interrupt will be
ignored. The same rule is also applied when an interrupt source flag is cleared to 0. Figure 5.11
shows an example in which the CMIEA bit in the TMR's TCR register is cleared to 0.
The above conflict will not occur if an enable bit or interrupt source flag is cleared to 0 while the
interrupt is masked.
Internal
address bus
Internal
write signal
ø
CMIEA
CMFA
CMIA
interrupt signal
TCR write cycle
by CPU
CMIA exception handling
TCR address
Figure 5.11 Conflict between Interrupt Generation and Disabling
5.8.2
Instructions that Disable Interrupts
The instructions that disable interrupts are LDC, ANDC, ORC, and XORC. After any of these
instructions are executed, all interrupts including NMI are disabled and the next instruction is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com