Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 151Page - Renesas Technology Corp HD64F2145 Datasheet HTML 152Page - Renesas Technology Corp HD64F2145 Datasheet HTML 153Page - Renesas Technology Corp HD64F2145 Datasheet HTML 154Page - Renesas Technology Corp HD64F2145 Datasheet HTML 155Page - Renesas Technology Corp HD64F2145 Datasheet HTML 156Page - Renesas Technology Corp HD64F2145 Datasheet HTML 157Page - Renesas Technology Corp HD64F2145 Datasheet HTML 158Page - Renesas Technology Corp HD64F2145 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 829 page
background image
Rev. 2.0, 08/02, page 115 of 788
6.3.1
Bus Control Register (BCR)
BCR is used to specify the access mode for the external address space or the I/O area range when
the
$6/,26 pin is specified as an I/O strobe pin.
Bit
Bit Name
Initial Value
R/W
Description
7—
1
R/W
Reserved
This bit should not be written by 0.
6
ICIS0
1
R/W
Idle Cycle Insertion
Selects whether or not to insert 1-state of the idle
cycle between bus cycles when the external
write cycle follows the external read cycle.
0: Idle cycle not inserted when the external write
cycle follows the external read cycle
1: 1-state idle cycle inserted when the external
write cycle follows the external read cycle
5
BRSTRM
0
R/W
Burst ROM Enable
Selects the bus interface for the external address
space.
0: Basic bus interface
1: Burst ROM interface
4
BRSTS1
1
R/W
Burst Cycle Select 1
Selects the number of states in the burst cycle of
the burst ROM interface.
0: 1 state
1: 2 states
3
BRSTS0
0
R/W
Burst Cycle Select 0
Selects the number of words that can be
accessed by burst access via the burst ROM
interface.
0: Max, 4 words
1: Max, 8 words
2
0R/W
Reserved
This bit should not be written by 0.
1
0
IOS1
IOS0
1
1
R/W
R/W
IOS Select 1, 0
Select the address range where the
,26 signal is
output. For details, refer to table 6.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com