Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 155Page - Renesas Technology Corp HD64F2145 Datasheet HTML 156Page - Renesas Technology Corp HD64F2145 Datasheet HTML 157Page - Renesas Technology Corp HD64F2145 Datasheet HTML 158Page - Renesas Technology Corp HD64F2145 Datasheet HTML 159Page - Renesas Technology Corp HD64F2145 Datasheet HTML 160Page - Renesas Technology Corp HD64F2145 Datasheet HTML 161Page - Renesas Technology Corp HD64F2145 Datasheet HTML 162Page - Renesas Technology Corp HD64F2145 Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 829 page
background image
Rev. 2.0, 08/02, page 119 of 788
RAME bit in SYSCR is set to 1, and disabled and specified as the external address space when the
RAME bit is cleared to 0.
6.4.4
I/O Select Signals
The LSI can output I/O select signals (
,26); the signal is driven low when the corresponding
external address space is accessed. Figure 6.2 shows an example of
,26 signal output timing.
Bus cycle
T1
T2
Address bus
Ø
T3
External addresses selected by IOS
Figure 6.2
,26
,26
,26
,26 Signal Output Timing
Enabling or disabling
,26 signal output is performed by the IOSE bit in SYSCR. In extended
mode, the
,26 pin functions as an $6 pin by a reset. To use this pin as an ,26 pin, set the IOSE
bit to 1. For details, refer to section 8, I/O Ports.
The address ranges of the
,26 signal output can be specified by the IOS1 and IOS0 bits in BCR,
as shown in table 6.3.
Table 6.3
Address Range for
,26
,26
,26
,26 Signal Output
IOS1
IOS0
,26
,26
,26
,26 Signal Output Range
0
H'(FF)F000 to H'(FF)F03F
0
1
H'(FF)F000 to H'(FF)F0FF
0
H'(FF)F000 to H'(FF)F3FF
1
1
H'(FF)F000 to H'(FF)F7FF
(Initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com