Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 157Page - Renesas Technology Corp HD64F2145 Datasheet HTML 158Page - Renesas Technology Corp HD64F2145 Datasheet HTML 159Page - Renesas Technology Corp HD64F2145 Datasheet HTML 160Page - Renesas Technology Corp HD64F2145 Datasheet HTML 161Page - Renesas Technology Corp HD64F2145 Datasheet HTML 162Page - Renesas Technology Corp HD64F2145 Datasheet HTML 163Page - Renesas Technology Corp HD64F2145 Datasheet HTML 164Page - Renesas Technology Corp HD64F2145 Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 829 page
background image
Rev. 2.0, 08/02, page 121 of 788
D15
D8 D7
D0
Upper data bus
Lower data bus
Byte size
Word size
1st bus cycle
2nd bus cycle
Longword
size
· Even address
Byte size
· Odd address
Figure 6.4 Access Sizes and Data Alignment Control (16-bit Access Space)
6.5.2
Valid Strobes
Table 6.4 shows the data buses used and valid strobes for each access space.
In a read, the
5' signal is valid for both the upper and lower halves of the data bus. In a write, the
+:5 signal is valid for the upper half of the data bus, and the /:5 signal for the lower half.
Table 6.4
Data Buses Used and Valid Strobes
Area
Access
Size
Read/
Write
Address
Valid
Strobe
Upper Data Bus
(D15 to D8)
Lower Data
Bus (D7 to D0)
Read
—
5'
Ports or others
8-bit
access space
Byte
Write
—
+:5
Valid
Ports or others
Even
Valid
Invalid
Read
Odd
5'
Invalid
Valid
Even
+:5
Valid
Undefined
Byte
Write
Odd
/:5
Undefined
Valid
Read
—
5'
Valid
Valid
16-bit
access space
Word
Write
—
+:5, /:5
Valid
Valid
Note:* Undefined: Undefined data is output.
Invalid: Input state with the input value ignored.
Ports or others: Used as ports or I/O pins for on-chip peripheral modules, and are not used
as the data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com