Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 153Page - Renesas Technology Corp HD64F2145 Datasheet HTML 154Page - Renesas Technology Corp HD64F2145 Datasheet HTML 155Page - Renesas Technology Corp HD64F2145 Datasheet HTML 156Page - Renesas Technology Corp HD64F2145 Datasheet HTML 157Page - Renesas Technology Corp HD64F2145 Datasheet HTML 158Page - Renesas Technology Corp HD64F2145 Datasheet HTML 159Page - Renesas Technology Corp HD64F2145 Datasheet HTML 160Page - Renesas Technology Corp HD64F2145 Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 829 page
background image
Rev. 2.0, 08/02, page 117 of 788
6.4
Bus Control
6.4.1
Bus Specifications
The external address space bus specifications consist of three elements: Bus width, the number of
access states, and the wait mode and the number of program wait states. The bus width and the
number of access states for on-chip memory and internal I/O registers are fixed, and are not
affected by the bus controller settings.
Bus Width: A bus width of 8 or 16 bits can be selected via the ABW bit in WSCR.
Number of Access States: Two or three access states can be selected via the AST bit in WSCR.
When the 2-state access space is designated, wait-state insertion is disabled.
In the burst ROM interface, the number of access states is determined regardless of the AST bit
setting.
Wait Mode and Number of Program Wait States: When a 3-state access space is designated by
the AST bit in WSCR, the wait mode and the number of program wait states to be inserted
automatically is selected by the WMS1, WMS0, WC1, and WC0 bits in WSCR. From 0 to 3
program wait states can be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com