Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 149Page - Renesas Technology Corp HD64F2145 Datasheet HTML 150Page - Renesas Technology Corp HD64F2145 Datasheet HTML 151Page - Renesas Technology Corp HD64F2145 Datasheet HTML 152Page - Renesas Technology Corp HD64F2145 Datasheet HTML 153Page - Renesas Technology Corp HD64F2145 Datasheet HTML 154Page - Renesas Technology Corp HD64F2145 Datasheet HTML 155Page - Renesas Technology Corp HD64F2145 Datasheet HTML 156Page - Renesas Technology Corp HD64F2145 Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 829 page
background image
Rev. 2.0, 08/02, page 113 of 788
Section 6 Bus Controller (BSC)
This LSI has an on-chip bus controller (BSC) that manages the bus width and the number of
access states of the external address space. The BSC also has a bus arbitration function, and
controls the operation of the internal bus masters – CPU, and data transfer controller (DTC).
6.1
Features
• Basic bus interface
2-state access or 3-state access can be selected for each area
Program wait states can be inserted for each area
• Burst ROM interface
A burst ROM interface can be set for basic expansion areas
1-state access or 2-state access can be selected for burst access
• Idle cycle insertion
An idle cycle can be inserted for external write cycles immediately after external read cycles
• Bus arbitration function
Includes a bus arbiter that arbitrates bus mastership between the CPU and DTC
Bus
controller
External bus control signals
Internal control signals
Wait
controller
BCR
WSCR
Bus mode signal
Bus arbiter
DTC bus acknowledge signal
CPU bus acknowledge signal
DTC bus request signal
CPU bus request signal
Figure 6.1 Block Diagram of Bus Controller
BSCS20AA_000020020700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com