Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 145Page - Renesas Technology Corp HD64F2145 Datasheet HTML 146Page - Renesas Technology Corp HD64F2145 Datasheet HTML 147Page - Renesas Technology Corp HD64F2145 Datasheet HTML 148Page - Renesas Technology Corp HD64F2145 Datasheet HTML 149Page - Renesas Technology Corp HD64F2145 Datasheet HTML 150Page - Renesas Technology Corp HD64F2145 Datasheet HTML 151Page - Renesas Technology Corp HD64F2145 Datasheet HTML 152Page - Renesas Technology Corp HD64F2145 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 829 page
background image
Rev. 2.0, 08/02, page 109 of 788
5.7.4
Usage Notes
1. In an address break, the break address should be an address where the first byte of the
instruction exists. Otherwise, a break condition will not be satisfied.
2. In normal mode, addresses A23 to A16 are not compared.
3. When the branch instructions (Bcc, BSR), jump instructions (JMP, JSR), RST instruction, and
RTE instruction are placed immediately prior to the address specified by BAR, a prefetch
signal to the address may be output to request an address break by executing these instruction.
It is necessary to take countermeasures: do not set a break address to an address immediately
after these instructions, or determine whether interrupt handling is performed by satisfaction of
a normal condition.
4. An address break interrupt is generated by combining the internal prefetch signal and an
address. Therefore, the timing to enter the interrupt exception handling differs according to the
instructions at the specified and at prior addresses and execution cycles.
Figure 5.10 shows an example of address timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com