Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 150Page - Renesas Technology Corp HD64F2145 Datasheet HTML 151Page - Renesas Technology Corp HD64F2145 Datasheet HTML 152Page - Renesas Technology Corp HD64F2145 Datasheet HTML 153Page - Renesas Technology Corp HD64F2145 Datasheet HTML 154Page - Renesas Technology Corp HD64F2145 Datasheet HTML 155Page - Renesas Technology Corp HD64F2145 Datasheet HTML 156Page - Renesas Technology Corp HD64F2145 Datasheet HTML 157Page - Renesas Technology Corp HD64F2145 Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 829 page
background image
Rev. 2.0, 08/02, page 114 of 788
6.2
Input/Output Pins
Table 6.1 summarizes the pins of the bus controller.
Table 6.1
Pin Configuration
Symbol
I/O
Function
$6
Output
Strobe signal indicating that address output on the address
bus is enabled (when the IOSE bit in SYSCR is cleared to 0).
,26
Output
I/O select signal (when the IOSE bit in SYSCR is set to 1).
5'
Output
Strobe signal indicating that the external address space is
being read.
+:5
Output
Strobe signal indicating that the external address space is
being written to, and the upper half (D15 to D8) of the data
bus is enabled.
/:5
Output
Strobe signal indicating that the external address space is
being written to, and the lower half (D7 to D0) of the data bus
is enabled.
:$,7
Input
Wait request signal when accessing the external 3-state
access space.
6.3
Register Descriptions
The bus controller has the following registers. For details on the system control register, refer to
section 3.2.2, System Control Register (SYSCR).
• Bus control register (BCR)
• Wait state control register (WSCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com