Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 154Page - Renesas Technology Corp HD64F2145 Datasheet HTML 155Page - Renesas Technology Corp HD64F2145 Datasheet HTML 156Page - Renesas Technology Corp HD64F2145 Datasheet HTML 157Page - Renesas Technology Corp HD64F2145 Datasheet HTML 158Page - Renesas Technology Corp HD64F2145 Datasheet HTML 159Page - Renesas Technology Corp HD64F2145 Datasheet HTML 160Page - Renesas Technology Corp HD64F2145 Datasheet HTML 161Page - Renesas Technology Corp HD64F2145 Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 829 page
background image
Rev. 2.0, 08/02, page 118 of 788
Table 6.2 shows the bus specifications for the basic bus interface of each area.
Table 6.2
Bus Specifications for Basic Bus Interface
Bus Specifications
ABW
AST
WMS1
WMS0
WC1
WC0
Bus Width
Number of
Access
States
Number of
Program
Wait
States
0
————16
2
0
01—
—
3
0
00
0
11
02
0
1
—*
—*
1
1
16
3
3
0
————8
2
0
01—
—
3
0
00
0
11
02
1
1
—*
—*
1
1
8
3
3
Note:* Other than WMS1 = 0 and WMS0 = 1
6.4.2
Advanced Mode
The external address space is initialized as the basic bus interface and a 3-state access space. In
on-chip ROM enable extended mode, the address space other than on-chip ROM, on-chip RAM,
internal I/O registers, and their reserved areas is specified as the external address space. The on-
chip RAM and its reserved area are enabled when the RAME bit in SYSCR is set to 1. The on-
chip RAM and its reserved area are disabled and corresponding addresses are the external address
space when the RAME bit is cleared to 0.
6.4.3
Normal Mode
The external address space is initialized as the basic bus interface and a 3-state access space. In
on-chip ROM disable extended mode, the address space other than on-chip RAM and internal I/O
registers is specified as the external address space. In on-chip ROM enable extended mode, the
address space other than on-chip ROM, on-chip RAM, internal I/O registers, and their reserved
areas is specified as the external address space. The on-chip RAM area is enabled when the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com