Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 156Page - Renesas Technology Corp HD64F2145 Datasheet HTML 157Page - Renesas Technology Corp HD64F2145 Datasheet HTML 158Page - Renesas Technology Corp HD64F2145 Datasheet HTML 159Page - Renesas Technology Corp HD64F2145 Datasheet HTML 160Page - Renesas Technology Corp HD64F2145 Datasheet HTML 161Page - Renesas Technology Corp HD64F2145 Datasheet HTML 162Page - Renesas Technology Corp HD64F2145 Datasheet HTML 163Page - Renesas Technology Corp HD64F2145 Datasheet HTML 164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 829 page
background image
Rev. 2.0, 08/02, page 120 of 788
6.5
Basic Bus Interface
The basic bus interface enables direct connection to ROM and SRAM. For details on selection of
the bus specifications when using the basic bus interface, see table 6.2
6.5.1
Data Size and Data Alignment
Data sizes for the CPU and other internal bus masters are byte, word, and longword. The BSC has
a data alignment function, and controls whether the upper data bus (D15 to D8) or lower data bus
(D7 to D0) is used when the external address space is accessed, according to the bus specifications
for the area being accessed (8-bit access space or 16-bit access space) and the data size.
8-Bit Access Space: Figure 6.3 illustrates data alignment control for the 8-bit access space. With
the 8-bit access space, the upper data bus (D15 to D8) is always used for accesses. The amount of
data that can be accessed at one time is one byte: a word access is performed as two byte accesses,
and a longword access, as four byte accesses.
D15
D8 D7
D0
Upper data bus
Lower data bus
Byte size
Word size
1st bus cycle
2nd bus cycle
Longword
size
1st bus cycle
2nd bus cycle
3rd bus cycle
4th bus cycle
Figure 6.3 Access Sizes and Data Alignment Control (8-Bit Access Space)
16-Bit Access Space: Figure 6.4 illustrates data alignment control for the 16-bit access space.
With the 16-bit access space, the upper data bus (D15 to D8) and lower data bus (D7 to D0) are
used for accesses. The amount of data that can be accessed at one time is one byte or one word,
and a longword access is executed as two word accesses.
In byte access, whether the upper or lower data bus is used is determined by whether the address is
even or odd. The upper data bus is used for an even address, and the lower data bus for an odd
address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com