Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 139 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 139 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 135Page - Renesas Technology Corp HD64F2145 Datasheet HTML 136Page - Renesas Technology Corp HD64F2145 Datasheet HTML 137Page - Renesas Technology Corp HD64F2145 Datasheet HTML 138Page - Renesas Technology Corp HD64F2145 Datasheet HTML 139Page - Renesas Technology Corp HD64F2145 Datasheet HTML 140Page - Renesas Technology Corp HD64F2145 Datasheet HTML 141Page - Renesas Technology Corp HD64F2145 Datasheet HTML 142Page - Renesas Technology Corp HD64F2145 Datasheet HTML 143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 829 page
background image
Rev. 2.0, 08/02, page 99 of 788
5.6
Interrupt Control Modes and Interrupt Operation
The interrupt controller has two modes: Interrupt control mode 0 and interrupt control mode 1.
Interrupt operations differ depending on the interrupt control mode. NMI interrupts and address
break interrupts are always accepted except for in reset state or in hardware standby mode. The
interrupt control mode is selected by SYSCR. Table 5.4 shows the interrupt control modes.
Table 5.4
Interrupt Control Modes
SYSCR
Interrupt
Control
Mode
INTM1
INTM0
Priority
Setting
Registers
Interrupt
Mask Bits
Description
0
0
ICR
I
Interrupt mask control is performed by
the I bit. Priority levels can be set with
ICR.
1
0
1
ICR
I, UI
3-level interrupt mask control is
performed by the I bit. Priority levels
can be set with ICR.
5.6.1
Interrupt Control Mode 0
In interrupt control mode 0, interrupt requests other than NMI and address breaks are masked by
ICR and the I bit of the CCR in the CPU. Figure 5.4 shows a flowchart of the interrupt acceptance
operation.
1. If an interrupt source occurs when the corresponding interrupt enable bit is set to 1, an
interrupt request is sent to the interrupt controller.
2. According to the interrupt control level specified in ICR, the interrupt controller only accepts
an interrupt request with interrupt control level 1 (priority), and holds pending an interrupt
request with interrupt control level 0 (no priority). If several interrupt requests are issued, an
interrupt request with the highest priority is accepted according to the priority order, an
interrupt handling is requested to the CPU, and other interrupt requests are held pending.
3. If the I bit in CCR is set to 1, only NMI and address break interrupts are accepted by the
interrupt controller, and other interrupt requests are held pending. If the I bit is cleared to 0,
any interrupt request is accepted.
4. When the CPU accepts an interrupt request, it starts interrupt exception handling after
execution of the current instruction has been completed.
5. The PC and CCR are saved to the stack area by interrupt exception handling. The PC saved on
the stack shows the address of the first instruction to be executed after returning from the
interrupt handling routine.
6. Next, the I bit in CCR is set to 1. This masks all interrupts except for NMI and address break
interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com