Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 132Page - Renesas Technology Corp HD64F2145 Datasheet HTML 133Page - Renesas Technology Corp HD64F2145 Datasheet HTML 134Page - Renesas Technology Corp HD64F2145 Datasheet HTML 135Page - Renesas Technology Corp HD64F2145 Datasheet HTML 136Page - Renesas Technology Corp HD64F2145 Datasheet HTML 137Page - Renesas Technology Corp HD64F2145 Datasheet HTML 138Page - Renesas Technology Corp HD64F2145 Datasheet HTML 139Page - Renesas Technology Corp HD64F2145 Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 829 page
background image
Rev. 2.0, 08/02, page 96 of 788
When pin
,549 is used as an IRQ6 interrupt input pin, clear the KMIMR6 bit to 0.
When pin
,54: is used as an IRQ7 interrupt pin, set all of bits KMIMR15 to KMIMR8 and
WUEMR7 to WUEMR0 to 1. If any of these bits is cleared to 0, IRQ7 interrupt input from the
,54: pin will be ignored.
Since interrupt request flags IRQ7F to IRQ0F are set each time the setting condition is satisfied,
regardless of the IER setting, refer to a needed flag only.
KIN15 to KIN0 Interrupts, WUE7 to WUE0 Interrupts: Interrupts KIN15 to KIN0 and WUE7
to WUE0 are requested by an input signal at pins
.,148 to .,13 and :8(: to :8(3. When
pins
.,148 to .,13 and :8(: to :8(3 are used for key-sense input or wakeup event, clear the
corresponding KMIMR and WUEMR bits to 0 in order to enable their key-sense input and
wakeup event interrupts. Remaining unused KMIMR and WUEMR bits for key-sense input
should be set to 1 in order to disable interrupts. Interrupts WUE7 to WUE0 and KIN15 to KIN8
generate IRQ7 interrupts, and interrupts KIN7 to KIN0 generate IRQ6 interrupts. The pin
conditions for interrupt request generation, enable of interrupt requests, settings of interrupt
control levels, and status display of interrupt requests depend on each setting and display of the
IRQ7 or IRQ6 interrupt.
When pins
.,1: to .,13, .,148#to .,1;, or :8(: to :8(3 are used as key-sense interrupt
input pins or wakeup event interrupt input pins, either low-level sensing or falling-edge sensing
must be designated as the interrupt sense condition for the corresponding interrupt source (IRQ6
or IRQ7).
5.4.2
Internal Interrupts
Internal interrupts issued from the on-chip peripheral modules have the following features:
1. For each on-chip peripheral module there are flags that indicate the interrupt request status,
and enable bits that individually select enabling or disabling of these interrupts. When the
enable bit for a particular interrupt source is set to 1, an interrupt request is sent to the interrupt
controller.
2. The control level for each interrupt can be set by ICR.
3. The DTC can be activated by an interrupt request from an on-chip peripheral module.
4. An interrupt request that activates the DTC is not affected by the interrupt control mode or the
status of the CPU interrupt mask bits.
5.5
Interrupt Exception Handling Vector Table
Table 5.3 lists interrupt exception handling sources, vector addresses, and interrupt priorities. For
default priorities, the lower the vector number, the higher the priority. Modules set at the same
priority will conform to their default priorities. Priorities within a module are fixed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com