Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 124Page - Renesas Technology Corp HD64F2145 Datasheet HTML 125Page - Renesas Technology Corp HD64F2145 Datasheet HTML 126Page - Renesas Technology Corp HD64F2145 Datasheet HTML 127Page - Renesas Technology Corp HD64F2145 Datasheet HTML 128Page - Renesas Technology Corp HD64F2145 Datasheet HTML 129Page - Renesas Technology Corp HD64F2145 Datasheet HTML 130Page - Renesas Technology Corp HD64F2145 Datasheet HTML 131Page - Renesas Technology Corp HD64F2145 Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 829 page
background image
Rev. 2.0, 08/02, page 88 of 788
5.3.1
Interrupt Control Registers A to C (ICRA to ICRC)
The ICR registers set interrupt control levels for interrupts other than NMI and address breaks.
The correspondence between interrupt sources and ICRA to ICRC settings is shown in table 5.2.
Bit
Bit Name
Initial Value
R/W
Description
7
to
0
ICRn7
to
IRCn0
All 0
R/W
Interrupt Control Level
0: Corresponding interrupt source is interrupt
control level 0 (no priority)
1: Corresponding interrupt source is interrupt
control level 1 (priority)
n:
A to C
Table 5.2
Correspondence between Interrupt Source and ICR
Register
Bit
Bit Name
ICRA
ICRB
ICRC
7
ICRn7
IRQ0
A/D converter
SCI_0
6
ICRn6
IRQ1
FRT
SCI_1
5
ICRn5
IRQ2, IRQ3
—
SCI_2
4
ICRn4
IRQ4, IRQ5
—
IIC_0
3
ICRn3
IRQ6, IRQ7
TMR_0
IIC_1
2
ICRn2
DTC
TMR_1
—
1
ICRn1
WDT_0
TMR_X , TMR_Y
LPC*
0
ICRn0
WDT_1
XBS,
Keyboard buffer controller
—
n:
A to C
:
Reserved. The write value should always be 0.
Note:* On products not including LPC, this bit is reserved. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com