| Electronic Components Datasheet Search |
|
HD64F2145 Datasheet(PDF) 277 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 Datasheet(HTML) 277 Page - Renesas Technology Corp |
|
277 / 829 page ![]() Rev. 2.0, 08/02, page 237 of 788 tf1 tf2 tf255 tf256 tH1 tH2 tH3 tH255 tH256 1 conversion cycle tf1 = tf2 = tf3 = ··· = tf255 = tf256 = T 64 tH1 + tH2 + tH3 + ··· + tH255 + tH256 = TH tf1 tf2 tf63 tf64 tH1 tH2 tH3 tH63 tH64 1 conversion cycle tf1 = tf2 = tf3 = ··· = tf63 = tf64 = T 256 tH1 + tH2 + tH3 + ··· + tH63 + tH64 = TH a. CFS = 0 [base cycle = resolution (T) 64] b. CFS = 1 [base cycle = resolution (T) 256] Figure 10.4 Output Waveform (OS = 1, DADR corresponds to T H) An example of setting CFS to 1 (basic cycle = resolution (T) × 256) and OS to 1 (PWMX inverted output) is shown as an additional pulse. When CFS is set to 1, the duty ratio of the basic pulse is determined by the upper eight bits (DA13 to DA6) in DADR, and the position of the additional pulse is determined by the following six bits (DA5 to DA0) as shown in figure 10.5. Table 10.4 shows the position of the additional pulse. Basic pulse duty ratio DA13 DA12 DA11 DA10 DA9 DA8 DA7 DA6 DA5 DA4 DA3 DA2 DA1 DA0 CFS 11 Additional pulse position Figure 10.5 D/A Data Register Configuration when CFS = 1 Here, the case of DADR = H’0207 (B’0000 0010 0000 0111) is considered. Figure 10.6 shows an output waveform. Because CFS = 1 and the value of upper eight bits is B’0000 0010, the duty ratio of the basic pulse is 2/256 × (T) of high width. Since the value of the following six bits is B’0000 01, the additional pulse is output at the position of basic pulse No. 63 as shown in table 10.4. Only 1/256 × (T) of the additional pulse is added to the basic pulse. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |