Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 281 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 281 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 277Page - Renesas Technology Corp HD64F2145 Datasheet HTML 278Page - Renesas Technology Corp HD64F2145 Datasheet HTML 279Page - Renesas Technology Corp HD64F2145 Datasheet HTML 280Page - Renesas Technology Corp HD64F2145 Datasheet HTML 281Page - Renesas Technology Corp HD64F2145 Datasheet HTML 282Page - Renesas Technology Corp HD64F2145 Datasheet HTML 283Page - Renesas Technology Corp HD64F2145 Datasheet HTML 284Page - Renesas Technology Corp HD64F2145 Datasheet HTML 285Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 829 page
background image
Rev. 2.0, 08/02, page 241 of 788
Section 11 16-Bit Free-Running Timer (FRT)
This LSI has an on-chip 16-bit free-running timer (FRT). The FRT operates on the basis of the 16-
bit free-running counter (FRC), and outputs two independent waveforms, and measures the input
pulse width and external clock periods.
11.1
Features
• Selection of four clock sources
One of the three internal clocks (ø/2, ø/8, or ø/32), or an external clock input can be selected
(enabling use as an external event counter).
• Two independent comparators
Two independent waveforms can be output.
• Four independent input capture channels
The rising or falling edge can be selected.
Buffer modes can be specified.
• Counter clearing
The free-running counters can be cleared on compare-match A.
• Seven independent interrupts
Two compare-match interrupts, four input capture interrupts, and one overflow interrupt can be
requested independently.
• Special functions provided by automatic addition function
The contents of OCRAR and OCRAF can be added to the contents of OCRA automatically,
enabling a periodic waveform to be generated without software intervention. The contents of
ICRD can be added automatically to the contents of OCRDM
× 2, enabling input capture
operations in this interval to be restricted.
TIM8FR1A_010020020700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com