Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAF-C161PI Datasheet(PDF) 45 Page - Infineon Technologies AG

Part # SAF-C161PI
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAF-C161PI Datasheet(HTML) 45 Page - Infineon Technologies AG

Back Button SAF-C161PI Datasheet HTML 41Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 42Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 43Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 44Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 45Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 46Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 47Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 48Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 49Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 400 page
background image
&3,
0HPRU\ 2UJDQL]DWLRQ
User’s Manual
3-9
1999-08
3.3
The On-Chip XRAM
The C161PI provides access to 2KByte of on-chip extension RAM. The XRAM is located
within data page 3 (organized as 1K*16). As the XRAM is connected to the internal
XBUS it is accessed like external memory, however, no external bus cycles are executed
for these accesses. XRAM accesses are globally enabled or disabled via bit XPEN in
register SYSCON. This bit is cleared after reset and may be set via software during the
initialization to allow accesses to the on-chip XRAM. When the XRAM is disabled
(default after reset) all accesses to the XRAM area are mapped to external locations.
The XRAM may be used for both code (instructions) and data (variables, user stack,
tables, etc.) storage.
Code fetches are always made on even byte addresses. The highest possible code
storage location in the XRAM is either 00’E7FE
H for single word instructions, or
00’E7FC
H for double word instructions. The respective location must contain a branch
instruction (unconditional), because sequential boundary crossing from XRAM to
external memory is not supported and causes erroneous results.
Any word and byte data read accesses may use the indirect or long 16-bit addressing
modes. There is no short addressing mode for XRAM operands. Any word data access
is made to an even byte address. The highest possible word data storage location in the
XRAM is 00’E7FE
H. For PEC data transfers the XRAM can be accessed independent of
the contents of the DPP registers via the PEC source and destination pointers.
Note: As the XRAM appears like external memory it cannot be used for the C161PI’s
system stack or register banks. The XRAM is not provided for single bit storage
and therefore is not bit addressable.
The on-chip XRAM is accessed with the following bus cycles:
• Normal ALE
• No cycle time waitstates (no READY control)
• No tristate time waitstate
• No Read/Write delay
• 16-bit demultiplexed bus cycles (4 TCL).
Even if the XRAM is used like external memory it does not occupy BUSCONx/
ADDRSELx registers but rather is selected via additional dedicated XBCON/XADRS
registers. These registers are mask-programmed and are not user accessible. With
these registers the address area 00’E000
H to 00’E7FFH is reserved for XRAM accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com