Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAF-C161PI Datasheet(PDF) 77 Page - Infineon Technologies AG

Part # SAF-C161PI
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAF-C161PI Datasheet(HTML) 77 Page - Infineon Technologies AG

Back Button SAF-C161PI Datasheet HTML 73Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 74Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 75Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 76Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 77Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 78Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 79Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 80Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 81Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 400 page
background image
&3,
7KH &HQWUDO 3URFHVVLQJ 8QLW &38
User’s Manual
4-29
1999-08
The Stack Overflow Pointer STKOV
This non-bit addressable register is compared against the SP register after each
operation, which pushes data onto the system stack (e.g. PUSH and CALL instructions
or interrupts) and after each subtraction from the SP register. If the content of the SP
register is less than the content of the STKOV register, a stack overflow hardware trap
will occur.
Since the least significant bit of register STKOV is tied to ’0’ and bits 15 through 12 are
tied to ’1’ by hardware, the STKOV register can only contain values from F000
H to
FFFE
H.
The Stack Overflow Trap (entered when (SP) < (STKOV)) may be used in two different
ways:
• Fatal error indication treats the stack overflow as a system error through the
associated trap service routine. Under these circumstances data in the bottom of the
stack may have been overwritten by the status information stacked upon servicing the
stack overflow trap.
• Automatic system stack flushing allows to use the system stack as a ’Stack Cache’
for a bigger external user stack. In this case register STKOV should be initialized to a
value, which represents the desired lowest Top of Stack address plus 12 according to
the selected maximum stack size. This considers the worst case that will occur, when a
stack overflow condition is detected just during entry into an interrupt service routine.
Then, six additional stack word locations are required to push IP, PSW, and CSP for both
the interrupt service routine and the hardware trap service routine.
More details about the stack overflow trap service routine and virtual stack management
are given in chapter “System Programming”.
STKOV
Stack Overflow Reg.
SFR (FE14
H/0AH)
Reset value:FA00
H
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
11
11
stkov
0
r
r
r
r
rw
Bit
Function
stkov
Modifiable portion of register STKOV
Specifies the lower limit of the internal system stack.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com