Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAF-C161PI Datasheet(PDF) 98 Page - Infineon Technologies AG

Part # SAF-C161PI
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAF-C161PI Datasheet(HTML) 98 Page - Infineon Technologies AG

Back Button SAF-C161PI Datasheet HTML 94Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 95Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 96Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 97Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 98Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 99Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 100Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 101Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 102Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 400 page
background image
&3,
,QWHUUXSW DQG 7UDS )XQFWLRQV
User’s Manual
5-16
1999-08
The example below establishes 3 interrupt classes which cover 2 or 3 interrupt priorities,
depending on the number of members in a class. A level 6 interrupt disables all other
sources in class 2 by changing the current CPU level to 8, which is the highest priority
(ILVL) in class 2. Class 1 requests or PEC requests are still serviced in this case.
The 24 interrupt sources (excluding PEC requests) are so assigned to 3 classes of
priority rather than to 7 different levels, as the hardware support would do.
Table 5-6
Software controlled Interrupt Classes (Example)
ILVL
(Priority)
GLVL
Interpretation
32
10
15
PEC service on up to 8 channels
14
13
12
XX
XX
Interrupt Class 1
5 sources on 2 levels
11
X
10
9
8
X
X
X
X
Interrupt Class 2
9 sources on 3 levels
7X
X
X
X
6X
5
X
X
X
X
Interrupt Class 3
5 sources on 2 levels
4X
3
2
1
0
No service!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com