Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 112 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 112 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 108Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 109Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 110Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 111Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 112Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 113Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 114Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 115Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 492 page
background image
Changes of the signal on a pin can trigger an interrupt. The exact conditions are defined by writing to the
Input/Sense bit field (ISC) in PORT.PINnCTRL.
When setting or changing interrupt settings, take these points into account:
•
If an INVEN bit is toggled in the same cycle as the interrupt setting, the edge caused by the
inversion toggling may not cause an interrupt request.
•
If an input is disabled while synchronizing an interrupt, that interrupt may be requested on re-
enabling the input, even if it is re-enabled with a different interrupt setting.
•
If the interrupt setting is changed while synchronizing an interrupt, that interrupt may not be
accepted.
•
Only few pins support full asynchronous interrupt detection, see I/O Multiplexing and
Considerations. These limitations apply for waking the system from sleep:
Interrupt Type
Fully Asynchronous Pins
Other Pins
BOTHEDGES
will wake system
will wake system
RISING
will wake system
will not wake system
FALLING
will wake system
will not wake system
LEVEL
will wake system
will wake system
Related Links
I/O Multiplexing and Considerations
16.3.3
Interrupts
Table 16-3. Available Interrupt Vectors and Sources
Offset Name
Vector Description
Conditions
0x00
PORTx PORT A, B, C interrupt INTn in PORT.INTFLAGS is raised as configured by ISC bit in
PORT.PINnCTRL.
Each PORT pin n can be configured as an interrupt source. Each interrupt can be individually enabled or
disabled by writing to ISC in PORT.PINCTRL.
When an interrupt condition occurs, the corresponding Interrupt Flag is set in the Interrupt Flags register
of the peripheral (peripheral.INTFLAGS).
An interrupt request is generated when the corresponding interrupt is enabled and the Interrupt Flag is
set. The interrupt request remains active until the Interrupt Flag is cleared. See the peripheral's
INTFLAGS register for details on how to clear Interrupt Flags.
Asynchronous Sensing Pin Properties
Table 16-4. Behavior Comparison of Fully/Partly Asynchronous Sense Pin
Property
Synchronous or Partly Asynchronous Sense
Support
Full Asynchronous Sense
Support
Minimum pulse width
to trigger interrupt
Minimum one system clock cycle
Less than a system clock
cycle
Waking the device
from sleep
From all interrupt sense configurations from sleep
modes with Main Clock running. Only from
BOTHEDGES or LEVEL interrupt sense
From all interrupt sense
configurations from all sleep
modes
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com