Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 114 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 114 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 110Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 111Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 112Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 113Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 114Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 115Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 116Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 117Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 118Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 492 page
background image
16.4
Register Summary - PORT
Offset
Name
Bit Pos.
0x00
DIR
7:0
DIR[7:0]
0x01
DIRSET
7:0
DIRSET[7:0]
0x02
DIRCLR
7:0
DIRCLR[7:0]
0x03
DIRTGL
7:0
DIRTGL[7:0]
0x04
OUT
7:0
OUT[7:0]
0x05
OUTSET
7:0
OUTSET[7:0]
0x06
OUTCLR
7:0
OUTCLR[7:0]
0x07
OUTTGL
7:0
OUTTGL[7:0]
0x08
IN
7:0
IN[7:0]
0x09
INTFLAGS
7:0
INT[7:0]
0x0A
...
0x0F
Reserved
0x10
PIN0CTRL
7:0
INVEN
PULLUPEN
ISC[2:0]
0x11
PIN1CTRL
7:0
INVEN
PULLUPEN
ISC[2:0]
0x12
PIN2CTRL
7:0
INVEN
PULLUPEN
ISC[2:0]
0x13
PIN3CTRL
7:0
INVEN
PULLUPEN
ISC[2:0]
0x14
PIN4CTRL
7:0
INVEN
PULLUPEN
ISC[2:0]
0x15
PIN5CTRL
7:0
INVEN
PULLUPEN
ISC[2:0]
0x16
PIN6CTRL
7:0
INVEN
PULLUPEN
ISC[2:0]
0x17
PIN7CTRL
7:0
INVEN
PULLUPEN
ISC[2:0]
16.5
Register Description - Ports
16.5.1
Data Direction
Name: 
DIR
Offset:  0x00
Reset: 
0x00
Property:
 
-
Bit
7
6
5
4
3
2
1
0
DIR[7:0]
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
0
Bits 7:0 – DIR[7:0]: Data Direction
This bit field selects the data direction for the individual pins n of the Port.
Writing a '1' to PORT.DIR[n] configures and enables pin n as output pin.
Writing a '0' to PORT.DIR[n] configures pin n as input pin. It can be configured by writing to the ISC bit in
PORT.PINnCTRL.
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com