Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 137 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 137 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 133Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 134Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 135Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 136Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 137Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 138Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 139Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 140Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 492 page
background image
Figure 19-2. Normal Mode Operation
t [ms]
WDT Count
5
10
15
20
25
30
35
Timely WDT Reset (WDR)
TOWDT
WDT Timeout
System Reset
TO WDT = 16ms
Here:
Normal mode is enabled as long as the WINDOW bit field in the Control A register (WDT.CTRLA) is 0x0.
Related Links
Register Summary - WDT
19.3.2.2 Window Mode
In window mode operation, the WDT uses two different timeout periods, a "closed" window timeout period
(TOWDTW) and the normal timeout period (TOWDT):
The closed window timeout period defines a duration from 8ms to 8s where the WDT cannot be reset. If
the WDT is reset during this period, the WDT will issue a System Reset.
The normal WDT timeout period, which is also 8ms to 8s, defines the duration of the "open" period during
which the WDT can (and should) be reset. The open period will always follow the closed period, so the
total duration of the timeout period is the sum of the closed window and the open window timeout periods.
When enabling window mode or when going out of debug mode, the first closed period is activated after
the first WDR instruction.
If a second WDR is issued while a previous WDR is being synchronized, the second one will be ignored.
Figure 19-3. Window Mode Operation
t [ms]
WDT Count
5
10
15
20
25
30
35
Timely WDT Reset (WDR)
TOWDTW
TOWDT
System Reset
WDR too early:
TOWDTW =TOWDT = 8ms
Here:
The window mode is enabled by writing a non-zero value to the WINDOW bit field in the Control A
register (WDT.CTRLA), and disabled by writing WINDOW=0x0.
19.3.2.3 Configuration Protection and Lock
The WDT provides two security mechanisms to avoid unintentional changes to the WDT settings:
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com