Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 141 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 141 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 137Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 138Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 139Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 140Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 141Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 142Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 143Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 144Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 145Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 492 page
background image
The bits are optionally lock protected:
•
If LOCK in WDT.STATUS is '1', all bits are change protected (Access = R)
•
If LOCK in WDT.STATUS is '0', all bits can be changed (Access = R/W)
Value
Name
Description
0x0
OFF
-
0x1
8CLK
0.008s
0x2
16CLK
0.016s
0x3
32CLK
0.032s
0x4
64CLK
0.064s
0x5
128CLK
0.128s
0x6
256CLK
0.256s
0x7
512CLK
0.512s
0x8
1KCLK
1.0s
0x9
2KCLK
2.0s
0xA
4KCLK
4.1s
0xB
8KCLK
8.2s
other
-
Reserved
19.5.2
Status
Name: 
STATUS
Offset:  0x01
Reset: 
0x00
Property:
 
Configuration Change Protection
Bit
7
6
5
4
3
2
1
0
LOCK
SYNCBUSY
Access
R/W
R
Reset
0
0
Bit 7 – LOCK: Lock
Writing this bit to '1' write protects the WDT.CTRLA register.
It is only possible to write this bit to '1'. This bit can only be cleared in debug.
If the PERIOD bits in WDT.CTRLA are different from zero after boot code, Lock will automatically be set.
This bit is under Configuration Change Protection (CCP).
Bit 0 – SYNCBUSY: Synchronization Busy
This bit is set after writing to the WDT.CTRLA register while the data is being synchronized from the
system clock domain to the WDT clock domain.
This bit is cleared by system after the synchronization is finished.
This bit is not under Configuration Change Protection (CCP).
Related Links
Synchronization
Configuration Change Protection
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com