Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 142 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 142 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 138Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 139Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 140Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 141Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 142Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 143Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 144Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 145Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 146Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 492 page
background image
20.
TCA - 16-bit Timer/Counter Type A
20.1
Features
•
16-bit timer/counter
•
Three compare channels
•
Double buffered timer period setting
•
Double buffered compare channels
•
Waveform generation:
–
Frequency generation
–
Single-slope PWM (pulse width modulation)
–
Dual-slope PWM
•
Count on event
•
Timer overflow interrupts/events
•
One compare match per compare channel
•
Two 8-bit timer/counters in Split Mode
20.2
Overview
The flexible 16-bit PWM Timer/Counter type A (TCA) provides accurate program execution timing,
frequency and waveform generation, and command execution.
A TCA consists of a base counter and a set of compare channels. The base counter can be used to count
clock cycles or events, or let events control how it counts clock cycles. It has direction control and period
setting that can be used for timing. The compare channels can be used together with the base counter to
do compare match control, frequency generation, and pulse width waveform modulation.
Depending on the mode of operation, the counter is cleared, reloaded, incremented, or decremented at
each timer/counter clock or event input.
A timer/counter can be clocked and timed from the peripheral clock with optional prescaling or from the
event system. The event system can also be used for direction control or to synchronize operations.
By default, the TCA is a 16-bit timer/counter. The timer/Counter has a Split mode feature that splits it into
two 8-bit timer/counters with three compare channels each.
A block diagram of the 16-bit timer/counter with closely related peripheral modules (in grey) is shown
below.
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com