Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 149 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 149 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 145Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 146Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 147Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 148Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 149Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 150Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 151Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 152Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 153Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 492 page
background image
With Buffering: When double buffering is used, the buffer can be written at any time and still maintain
correct operation. The TCA.PER is always updated on the UPDATE condition, as shown for dual-slope
operation in the figure below. This prevents wraparound and the generation of odd waveforms.
Figure 20-8. Changing the Period Using Buffering
CNT
BOTTOM
MAX
"update"
"write"
New Period written to
PERB that is higher
than current CNT.
New Period written to
PERB that is lower
than current CNT.
New PER is updated
with PERB value.
20.3.3.4 Compare Channel
Each Compare Channel n continuously compares the counter value (TCA.CNT) with the Compare n
register (TCA.CMPn). If TCA.CNT equals TCA.CMPn, the comparator n signals a match. The match will
set the Compare Channel's interrupt flag at the next timer clock cycle, and the optional interrupt is
generated.
The Compare n Buffer register (TCA.CMPnBUF) provides double buffer capability equivalent to that for
the period buffer. The double buffering synchronizes the update of the TCA.CMPn register with the buffer
value to either the TOP or BOTTOM of the counting sequence, according to the UPDATE condition. The
synchronization prevents the occurrence of odd-length, non-symmetrical pulses for glitch-free output.
Waveform Generation
The compare channels can be used for waveform generation on the corresponding port pins. To make
the waveform visible on the connected port pin, the following requirements must be fulfilled:
1.
A waveform generation mode must be selected by writing the WGMODE bit field in TCA.CTRLB.
2.
The TCA is counting clock tick, not Events (CNTEI=0 in TCA.EVCTRL)
3.
The compare channels used must be enabled (CMPnEN=1 in TCA.CTRLB). This will override the
corresponding PORT pin output register. An alternative pin can be selected by writing to the
respective TCA Waveform Output n bit (TCA0n) in the Control C register of the Port Multiplexer
(PORTMUX.CTRLC).
4.
The direction for the associated Port pin n must be configured as output (PORT.DIR[n]=1).
5.
Optional: Enable inverted waveform output for the associated Port pin n (INVEN=1 in PORT.PINn).
Frequency (FRQ) Waveform Generation
For frequency generation, the period time (T) is controlled by a TCA.CMPn register instead of the Period
register (TCA.PER). The waveform generation output WG is toggled on each compare match between
the TCA.CNT and TCA.CMPn registers.
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com