Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 152 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 152 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 148Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 149Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 150Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 151Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 152Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 153Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 154Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 155Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 156Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 492 page
background image
20.3.3.5 Timer/Counter Commands
A set of commands can be issued by software to immediately change the state of the peripheral. These
commands give direct control of the UPDATE, RESTART, and RESET signals. A command is issued by
writing the respective value to the Command bit field (CMD) in the Control E register (TCA.CTRLESET).
An UPDATE command has the same effect as when an update condition occurs, except that the UPDATE
command is not affected by the state of the Lock Update bit (LUPD) in the Control E register
(TCA.CTRLE).
The software can force a restart of the current waveform period by issuing a RESTART command. In this
case the counter, direction, and all compare outputs are set to zero.
A RESET command will set all timer/counter registers to their initial values. A RESET can be issued only
when the timer/counter is not running (ENABLE=0 in TCA.CTRLA).
20.3.3.6 Split Mode - Two 8-Bit Timer/Counters
Split Mode Overview
To double the number of timers and PWM channels in the TCA, a Split Mode is provided. In this Split
Mode, the 16-bit timer/counter acts as two separate 8-bit timers, which each have three compare
channels for PWM generation. The split mode will only work with single slope down count. Split Mode
does not support Event action controlled operation.
Split Mode Differences to Normal Mode
•
Count
–
Down-count only
–
Timer/Counter counter high and low byte are independent (TCA.LCNT, TCA.HCNT)
•
Waveform generation
–
Single Slope PWM only (WGMODE=SINGLESLOPE in TCA.CTRLB)
•
Interrupt
–
No change for low byte Timer/Counter (TCA.LCNT)
–
Underflow interrupt for high byte Timer/Counter (TCA.HCNT)
–
No compare interrupt or flag for High-byte Compare n registers (TCA.HCMPn)
•
Event actions: Not compatible
•
Buffer registers and Buffer Valid flags: Unused
•
Register access: Byte access to all registers.
•
Temp register: Unused, 16-bit register of the Normal Mode are accessed as 8-bit 'TCA_H' and
'TCA_L', respectively.
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com