Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 154 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 154 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 150Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 151Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 152Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 153Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 154Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 155Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 156Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 157Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 158Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 492 page
background image
20.3.4
Events
The peripheral can take the following actions on an input Event:
•
The counter counts positive edges of the Event signal.
•
The counter counts both positive and negative edges of the Event signal.
•
The counter counts prescaled clock cycles as long as the Event signal is high.
•
The counter counts prescaled clock cycles. Event signal controls the direction of counting. Up-
count when Event signal is low, down-count when Event signal is high.
The specific action is selected by writing to the Event Action bits (EVACT) in the Event Control register
(TCA.EVCTRL). Events as input are enabled by writing a '1' to the Enable Count on Event Input bit
(CNTEI in TCA.EVCTRL).
Event controlled operation is not available in Split Mode.
20.3.5
Interrupts
Table 20-3. Available Interrupt Vectors and Sources in Normal Mode
Offset Name Vector Description
Conditions
0x00
OVF
Overflow and Compare match
interrupt
The counter has reached its top value and wrapped to
zero.
0x04
CMP0 Compare channel 0 interrupt
Match between the counter value and the Compare 0
register.
0x06
CMP1 Compare channel 1 interrupt
Match between the counter value and the Compare 1
register.
0x08
CMP2 Compare channel 2 interrupt
Match between the counter value and the Compare 2
register.
Table 20-4. Available Interrupt Vectors and Sources in Split Mode
Offset Name
Vector Description
Conditions
0x00
LUNF
Low-byte Underflow interrupt Low-byte timer reaches BOTTOM.
0x02
HUNF
High-byte Underflow interrupt High-byte timer reaches BOTTOM.
0x04
LCMP0 Compare channel 0 interrupt Match between the counter value and the low-byte of
Compare 0 register.
0x06
LCMP1 Compare channel 1 interrupt Match between the counter value and the low-byte of
Compare 1 register.
0x08
LCMP2 Compare channel 2 interrupt Match between the counter value and the low-byte of
the Compare 2 register.
When an interrupt condition occurs, the corresponding Interrupt Flag is set in the Interrupt Flags register
of the peripheral (peripheral.INTFLAGS).
An interrupt source is enabled or disabled by writing to the corresponding enable bit in the peripheral's
Interrupt Control register (peripheral.INTCTRL).
An interrupt request is generated when the corresponding interrupt source is enabled and the Interrupt
Flag is set. The interrupt request remains active until the Interrupt Flag is cleared. See the peripheral's
INTFLAGS register for details on how to clear Interrupt Flags.
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com