Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 159 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 159 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 155Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 156Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 157Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 158Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 159Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 160Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 161Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 162Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 163Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 492 page
background image
Value
Name
Description
0x0
NORMAL
Normal operation mode
0x1
FRQ
Frequency mode
0x3
SINGLESLOPE
Single-slope PWM mode
0x5
DSTOP
Dual-slope PWM mode
0x6
DSBOTH
Dual-slope PWM mode
0x7
DSBOTTOM
Dual-slope PWM mode
Other
-
Reserved
20.5.3
Control C - Normal Mode
Name: 
CTRLC
Offset:  0x02
Reset: 
0x00
Property:
 
-
Bit
7
6
5
4
3
2
1
0
CMP2OV
CMP1OV
CMP0OV
Access
R/W
R/W
R/W
Reset
0
0
0
Bit 2 – CMP2OV: Compare Output Value 2
See CMP0OV.
Bit 1 – CMP1OV: Compare Output Value 1
See CMP0OV.
Bit 0 – CMP0OV: Compare Output Value 0
The CMPnOV bits allow direct access to the waveform generator's output compare value when the timer/
counter is not enabled. This is used to set or clear the WG output value when the timer/counter is not
running.
20.5.4
Control D
Name: 
CTRLD
Offset:  0x03
Reset: 
0x00
Property:
 
-
Bit
7
6
5
4
3
2
1
0
SPLITM
Access
R/W
Reset
0
Bit 0 – SPLITM: Enable Split Mode
This bit sets the timer/counter in split mode operation. It will then work as two 8-bit timer/counters. The
register map will change compared to normal 16-bit mode.
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 159



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com