Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 161 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 161 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 157Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 158Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 159Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 160Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 161Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 162Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 163Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 164Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 165Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 492 page
background image
Name: 
CTRLESET
Offset:  0x05
Reset: 
0x00
Property:
 
-
Bit
7
6
5
4
3
2
1
0
CMD[1:0]
LUPD
DIR
Access
R/W
R/W
R/W
R/W
Reset
0
0
0
0
Bits 3:2 – CMD[1:0]: Command
These bits are used for software control of update, restart, and reset of the timer/counter. The command
bits are always read as zero.
Value
Name
Description
0x0
NONE
No command
0x1
UPDATE
Force update
0x2
RESTART
Force restart
0x3
RESET
Force hard Reset (ignored if TC is enabled)
Bit 1 – LUPD: Lock Update
Locking the update ensures that all buffers are valid before an update is performed.
Value
Description
0
The buffered registers are updated as soon as an UPDATE condition has occurred.
1
No update of the buffered registers is performed, even though an UPDATE condition has
occurred.
Bit 0 – DIR: Counter Direction
Normally this bit is controlled in hardware by the waveform generation mode or by event actions, but this
bit can also be changed from software.
Value
Description
0
The counter is counting up (incrementing).
1
The counter is counting down (decrementing).
20.5.7
Control Register F Clear
The individual status bit can be cleared by writing a one to its bit location. This allows each bit to be
cleared without use of a read-modify-write operation on a single register.
Name: 
CTRLFCLR
Offset:  0x06
Reset: 
0x00
Property:
 
-
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 161



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com