Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 164 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 164 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 160Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 161Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 162Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 163Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 164Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 165Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 166Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 167Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 168Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 492 page
background image
20.5.11 Interrupt Flag Register - Normal Mode
The individual status bit can be cleared by writing a '1'e to its bit location. This allows each bit to be set
without use of a read-modify-write operation on a single register.
Name: 
INTFLAGS
Offset:  0x0B
Reset: 
0x00
Property:
 
-
Bit
7
6
5
4
3
2
1
0
CMP2
CMP1
CMP0
OVF
Access
R/W
R/W
R/W
R/W
Reset
0
0
0
0
Bit 6 – CMP2: Compare Channel 2 Interrupt Flag
See CMP0 flag description.
Bit 5 – CMP1: Compare Channel 1 Interrupt Flag
See CMP0 flag description.
Bit 4 – CMP0: Compare Channel 0 Interrupt Flag
The compare interrupt flag (CMPn) is set on a compare match on the corresponding compare channel.
For all modes of operation, the CMPn flag will be set when a compare match occurs between the count
register (CNT) and the corresponding compare register (CMPn). The CMPn flag will not be cleared
automatically and has to be cleared by software. This is done by writing a one to its bit location.
Bit 0 – OVF: Overflow/Underflow Interrupt Flag
This flag is set either on a TOP (overflow) or BOTTOM (underflow) condition, depending on the
WGMODE setting. OVF is not automatically cleared and needs to be cleared by software. This is done by
writing a one to its bit location.
20.5.12 Debug Control Register
Name: 
DBGCTRL
Offset:  0x0E
Reset: 
0x00
Property:
 
-
Bit
7
6
5
4
3
2
1
0
DBGRUN
Access
R/W
Reset
0
Bit 0 – DBGRUN: Run in Debug
Value
Description
0
The peripheral is halted in break debug mode and ignores events.
1
The peripheral will continue to run in break debug mode when the CPU is halted.
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com