Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 167 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 167 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 163Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 164Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 165Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 166Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 167Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 168Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 169Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 170Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 492 page
background image
Bit
15
14
13
12
11
10
9
8
CMP[15:8]
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
CMP[7:0]
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
0
Bits 15:8 – CMP[15:8]: Compare high byte
These bits hold the MSB of the 16-bit compare register.
Bits 7:0 – CMP[7:0]: Compare low byte
These bits hold the LSB of the 16-bit compare register.
20.5.17 Period Buffer Register
This register serves as the buffer for the period register (TCA.PER). Accessing this register using the
CPU or UPDI will affect the PERBV flag.
The TCA.PERBUFL and TCA.PERBUFH register pair represents the 16-bit value, TCA.PERBUF. The low
byte [7:0] (suffix L) is accessible at the original offset. The high byte [15:8] (suffix H) can be accessed at
offset + 0x01. For more details on reading and writing 16-bit registers, refer to Accessing 16-bit Registers.
Name: 
PERBUF
Offset:  0x36
Reset: 
0xFFFF
Property:
 
-
Bit
15
14
13
12
11
10
9
8
PERBUF[15:8]
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
1
1
1
1
1
1
1
1
Bit
7
6
5
4
3
2
1
0
PERBUF[7:0]
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
1
1
1
1
1
1
1
1
Bits 15:8 – PERBUF[15:8]: Period Buffer high byte
These bits hold the MSB of the 16-bit period buffer register.
Bits 7:0 – PERBUF[7:0]: Period Buffer low byte
These bits hold the LSB of the 16-bit period buffer register.
20.5.18 Compare n Buffer Register
This register serves as the buffer for the associated compare registers (TCA.CMPn). Accessing any of
these registers using the CPU or UPDI will affect the corresponding CMPnBV status bit.
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 167



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com