Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 165 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 165 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 161Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 162Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 163Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 164Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 165Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 166Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 167Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 168Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 492 page
background image
20.5.13 Temporary bits for 16-bit Access
The Temporary register is used by the CPU for single-cycle, 16-bit access to the 16-bit registers of this
peripheral. It can also be read and written by software. See also Accessing 16-bit Registers. There is one
common Temporary register for all the 16-bit registers of this peripheral.
Name: 
TEMP
Offset:  0x0F
Reset: 
0x00
Property:
 
-
Bit
7
6
5
4
3
2
1
0
TEMP[7:0]
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
0
Bits 7:0 – TEMP[7:0]: Temporary Bits for 16-bit Access
20.5.14 Counter Register - Normal Mode
The TCA.CNTL and TCA.CNTH register pair represents the 16-bit value, TCA.CNT. The low byte [7:0]
(suffix L) is accessible at the original offset. The high byte [15:8] (suffix H) can be accessed at offset
+ 0x01. For more details on reading and writing 16-bit registers, refer to Accessing 16-bit Registers.
CPU and UPDI write access has priority over internal updates of the register.
Name: 
CNT
Offset:  0x20
Reset: 
0x00
Property:
 
-
Bit
15
14
13
12
11
10
9
8
CNT[15:8]
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
CNT[7:0]
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
0
Bits 15:8 – CNT[15:8]: Counter high byte
These bits hold the MSB of the 16-bit counter register.
Bits 7:0 – CNT[7:0]: Counter low byte
These bits hold the LSB of the 16-bit counter register.
20.5.15 Period Register - Normal Mode
TCA.PER contains the 16-bit TOP value in the timer/counter.
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com