Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 166 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 166 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 162Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 163Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 164Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 165Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 166Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 167Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 168Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 169Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 170Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 492 page
background image
The TCA.PERL and TCA.PERH register pair represents the 16-bit value, TCA.PER. The low byte [7:0]
(suffix L) is accessible at the original offset. The high byte [15:8] (suffix H) can be accessed at offset
+ 0x01. For more details on reading and writing 16-bit registers, refer to Accessing 16-bit Registers.
Name: 
PER
Offset:  0x26
Reset: 
0xFFFF
Property:
 
-
Bit
15
14
13
12
11
10
9
8
PER[15:8]
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
1
1
1
1
1
1
1
1
Bit
7
6
5
4
3
2
1
0
PER[7:0]
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
1
1
1
1
1
1
1
1
Bits 15:8 – PER[15:8]: Periodic high byte
These bits hold the MSB of the 16-bit period register.
Bits 7:0 – PER[7:0]: Periodic low byte
These bits hold the LSB of the 16-bit period register.
20.5.16 Compare n Register - Normal Mode
This register is continuously compared to the counter value. Normally, the outputs from the comparators
are then used for generating waveforms.
TCA.CMPn registers are updated with the buffer value from their corresponding CMPnBUF register when
an UPDATE condition occurs.
The TCA.CMPnL and TCA.CMPnH register pair represents the 16-bit value, TCA.CMPn. The low byte
[7:0] (suffix L) is accessible at the original offset. The high byte [15:8] (suffix H) can be accessed at offset
+ 0x01. For more details on reading and writing 16-bit registers, refer to Accessing 16-bit Registers.
Name: 
CMP0, CMP1, CMP2
Offset:  0x28 + n*0x02 [n=0..2]
Reset: 
0x00
Property:
 
-
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com