Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47CVB21 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP47CVB21
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB21 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP47CVB21 Datasheet HTML 17Page - Microchip Technology MCP47CVB21 Datasheet HTML 18Page - Microchip Technology MCP47CVB21 Datasheet HTML 19Page - Microchip Technology MCP47CVB21 Datasheet HTML 20Page - Microchip Technology MCP47CVB21 Datasheet HTML 21Page - Microchip Technology MCP47CVB21 Datasheet HTML 22Page - Microchip Technology MCP47CVB21 Datasheet HTML 23Page - Microchip Technology MCP47CVB21 Datasheet HTML 24Page - Microchip Technology MCP47CVB21 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 21
MCP47CXBXX
TABLE 1-5:
I2C BUS REQUIREMENTS (SLAVE MODE) (CONTINUED)
I2C AC Characteristics
Standard Operating Conditions (unless otherwise specified):
Operating Temperature: -40
C  TA  +125C (Extended).
The operating voltage range is described in DC Characteristics.
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Conditions
103B(10)
TFSDA SDA Fall Time
100 kHz mode
—
300
ns
Cb is specified to be from
10 to 400 pF (100 pF
maximum for 3.4 MHz
mode)(4)
400 kHz mode
20 + 0.1Cb
300
ns
1.7 MHz mode
20
160
ns
3.4 MHz mode
10
80
ns
106
THD:DAT Data Input Hold
Time
100 kHz mode
0
—
ns
1.8V-5.5V(1,5)
400 kHz mode
0
—
ns
2.7V-5.5V(5)
1.7 MHz mode
0
—
ns
4.5V-5.5V(1,5)
3.4 MHz mode
0
—
ns
4.5V-5.5V(1,5)
107
TSU:DAT Data Input Setup
Time
100 kHz mode
250
—
ns
Notes 1, 6
400 kHz mode
100
—
ns
Note 6
1.7 MHz mode
10
—
ns
Notes 1, 6
3.4 MHz mode
10
—
ns
Notes 1, 6
109
TAA
Output Valid from
Clock
100 kHz mode
—
3450
ns
Notes 1, 5, 7, 9
400 kHz mode
—
900
ns
Notes 5, 7, 9
1.7 MHz mode
—
310
ns
Cb = 400 pF(1,9)
3.4 MHz mode
—
150
ns
Cb = 100 pF(1,9)
110
TBUF Bus Free Time
100 kHz mode
4700
—
ns
Time the bus must be free
before a new transmission
can start(1)
400 kHz mode
1300
—
ns
1.7 MHz mode
N.A.
—
ns
3.4 MHz mode
N.A.
—
ns
111
TSP
Input Filter Spike
Suppression (SDA
and SCL)
100 kHz mode
—
50
ns
NXP Spec states N.A.(1)
400 kHz mode
—
50
ns
NXP Spec states N.A.
1.7 MHz mode
—
10
ns
NXP Spec states N.A.(1)
3.4 MHz mode
—
10
ns
NXP Spec states N.A.(1)
Note 1
Not tested. This parameter is ensured by characterization.
Note 4
Use Cb in pF for the calculations.
Note 5
A Master transmitter must provide a delay to ensure that the difference between SDA and SCL fall times does
not unintentionally create a Start or Stop condition.
Note 6
A Fast mode (400 kHz) I2C bus device can be used in a Standard mode (100 kHz) I2C bus system, but the
requirement, tSU:DAT  250 ns, must then be met. This will automatically be the case if the device does not
stretch the Low period of the SCL signal. If such a device does stretch the Low period of the SCL signal, it
must output the next data bit to the SDA line, TR max.+ tSU:DAT = 1000 + 250 = 1250 ns (according to the
Standard mode I2C bus specification) before the SCL line is released.
Note 7
As a transmitter, the device must provide this internal minimum delay time to bridge the undefined region
(minimum 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
Note 8
Ensured by the TAA 3.4 MHz specification test.
Note 9
The specification is not part of the I2C specification. TAA = THD:DAT + TFSDA (or TRSDA).
Note 10 Not tested. This parameter is ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com