Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47CVB21 Datasheet(PDF) 45 Page - Microchip Technology

Part # MCP47CVB21
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB21 Datasheet(HTML) 45 Page - Microchip Technology

Back Button MCP47CVB21 Datasheet HTML 41Page - Microchip Technology MCP47CVB21 Datasheet HTML 42Page - Microchip Technology MCP47CVB21 Datasheet HTML 43Page - Microchip Technology MCP47CVB21 Datasheet HTML 44Page - Microchip Technology MCP47CVB21 Datasheet HTML 45Page - Microchip Technology MCP47CVB21 Datasheet HTML 46Page - Microchip Technology MCP47CVB21 Datasheet HTML 47Page - Microchip Technology MCP47CVB21 Datasheet HTML 48Page - Microchip Technology MCP47CVB21 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 45
MCP47CXBXX
3.1
Positive Power Supply Input (VDD)
VDD is the positive supply voltage input pin. The input
supply voltage is relative to VSS.
The power supply at the VDD pin should be as clean as
possible for good DAC performance. It is recom-
mended to use an appropriate bypass capacitor of
about 0.1 µF (ceramic) to ground as close as possible
to the pin. An additional 10 µF capacitor (tantalum) in
parallel is also recommended to further attenuate noise
present in application boards.
3.2
Ground (VSS)
The VSS pin is the device ground reference.
The user must connect the VSS pin to a ground plane
through a low-impedance connection. If an analog
ground path is available in the application PCB (Printed
Circuit Board), it is highly recommended that the VSS
pin be tied to the analog ground path or isolated within
an analog ground plane of the circuit board.
3.3
Voltage Reference Pin (VREF)
The VREF pin is either an input or an output. When the
DAC’s voltage reference is configured as the VREF pin,
the pin is an input. When the DAC’s voltage reference is
configured as the internal band gap, the pin is an output.
When the DAC’s voltage reference is configured as the
VREF pin, there are two options for this voltage input:
VREF pin voltage is buffered or unbuffered. The
buffered option is offered in cases where the external
reference voltage does not have sufficient current
capability to not drop its voltage when connected to the
internal resistor ladder circuit.
When the DAC’s voltage reference is configured as the
device VDD, the VREF pin is disconnected from the
internal circuit.
When the DAC’s voltage reference is configured as the
internal band gap, the VREF pin’s drive capability is
minimal, so the output signal should be buffered.
See Section 5.2 “Voltage Reference Selection” and
Register 4-2 for more details on the Configuration bits.
3.4
Analog Output Voltage Pins
(VOUT0, VOUT1)
VOUT0 and VOUT1 are the DAC analog voltage output
pins. Each DAC output has an output amplifier. The DAC
output range is dependent on the selection of the voltage
reference source (and potential output gain selection).
These are:
• Device VDD – The Full-Scale Range (FSR) of the
DAC output is from VSS to approximately VDD.
•VREF pin – The Full-Scale Range of the DAC
output is from VSS to G x VRL, where G is the gain
selection option (1x or 2x).
• Internal Band Gap – The Full-Scale Range of the
DAC output is from VSS to G X VBG, where G is
the gain selection option (1x or 2x).
In Normal mode, the DC impedance of the output pin is
about 1
. In Power-Down mode, the output pin is
internally connected to a known pull-down resistor of
1k
, 100 k or open. The power-down selection bits
settings are shown in Register 4-3 (Table 5-5).
3.5
Latch/High-Voltage Command Pin
(LAT/HVC)
The DAC output value update event can be controlled
and synchronized using the LAT pin, for one or both
channels, on single or different devices.
The LAT pin controls the effect of the Volatile Wiper
registers, VRxB:VRxA and PDxB:PDxA, and the Gx bits
on the DAC output. If the LAT pin is held at VIH, the
values sent to the Volatile Wiper registers and Configu-
ration bits have no effect on the DAC outputs. After the
Volatile Wiper registers and Configuration bits have
been loaded with the desired data, once the voltage on
the pin transitions to VIL, the values in the Volatile Wiper
registers and Configuration bits are transferred to the
DAC outputs. Pulsing LAT low during writes to the
registers could lead to unpredictable DAC output voltage
values until the next pulse is issued and should be
avoided. The pin is level-sensitive, so writing to the
Volatile Wiper registers and Configuration bits while it is
being held at VIL, will trigger an immediate change in the
outputs.
For dual output devices in MSOP and DFN packages,
the LAT pin controls both channels at the same time.
The HVC pin allows the device’s MTP memory to be
programmed for the MCP47CMBXX devices. The
programming voltage supply should provide 7.5V and
at least 6.4 mA.
Note:
The HVC pin should have voltages
greater than 5.5V present only during the
MTP
programming
operation.
Using
voltages greater than 5.5V for an
extended time on the pin may cause
device reliability issues.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com