Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47CVB21 Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP47CVB21
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB21 Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP47CVB21 Datasheet HTML 30Page - Microchip Technology MCP47CVB21 Datasheet HTML 31Page - Microchip Technology MCP47CVB21 Datasheet HTML 32Page - Microchip Technology MCP47CVB21 Datasheet HTML 33Page - Microchip Technology MCP47CVB21 Datasheet HTML 34Page - Microchip Technology MCP47CVB21 Datasheet HTML 35Page - Microchip Technology MCP47CVB21 Datasheet HTML 36Page - Microchip Technology MCP47CVB21 Datasheet HTML 37Page - Microchip Technology MCP47CVB21 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 124 page
background image
MCP47CXBXX
DS20006089B-page 34
 2018-2019 Microchip Technology Inc.
Note:
Unless otherwise indicated, TA =+25°C, VDD =5.5V.
FIGURE 2-46:
Total Unadjusted Error
(VOUT) vs. DAC Code and Temperature (Single
Channel – MCP47CXB21), VDD =2.7V,
Gain = 2x.
FIGURE 2-47:
Total Unadjusted Error
(VOUT) vs. DAC Code and Temperature (Single
Channel – MCP47CXB21), VDD =1.8V,
Gain = 1x.
FIGURE 2-48:
Total Unadjusted Error
(VOUT) vs. DAC Code, 25°C, Gain = 1x.
FIGURE 2-49:
Total Unadjusted Error
(VOUT) vs. DAC Code and Temperature (Dual
Channel – MCP47CXB22), VDD =2.7V,
Gain = 2x.
FIGURE 2-50:
Total Unadjusted Error
(VOUT) vs. DAC Code and Temperature (Dual
Channel – MCP47CXB22), VDD =1.8V,
Gain = 1x.
FIGURE 2-51:
Total Unadjusted Error
(VOUT) vs. DAC Code, 25°C, Gain = 2x.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com