Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47CVB21 Datasheet(PDF) 82 Page - Microchip Technology

Part # MCP47CVB21
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB21 Datasheet(HTML) 82 Page - Microchip Technology

Back Button MCP47CVB21 Datasheet HTML 78Page - Microchip Technology MCP47CVB21 Datasheet HTML 79Page - Microchip Technology MCP47CVB21 Datasheet HTML 80Page - Microchip Technology MCP47CVB21 Datasheet HTML 81Page - Microchip Technology MCP47CVB21 Datasheet HTML 82Page - Microchip Technology MCP47CVB21 Datasheet HTML 83Page - Microchip Technology MCP47CVB21 Datasheet HTML 84Page - Microchip Technology MCP47CVB21 Datasheet HTML 85Page - Microchip Technology MCP47CVB21 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 124 page
background image
MCP47CXBXX
DS20006089B-page 82
 2018-2019 Microchip Technology Inc.
FIGURE 7-7:
Continuous Read Command of Specified Address.
Note 1: The Master device is responsible for the A/A signal. If an A signal occurs, the MCP47CXBXX will
abort this transfer and release the bus.
2: This Acknowledge bit is generated by the Master device.
3: This command sequence does not need to terminate (using the Stop bit) and the read command can
be repeated (see Section 7.6.2 “Continuous Reads”).
4: The Master device will Not Acknowledge and the MCP47CXBXX will release the bus so the Master
device can generate a Stop or Repeated Start condition.
5: The MCP47CXBXX retains the last received “Device Memory Address”.
6: The non-data bits of the Read Data Word will be output as ‘0’s:
for 12-bit devices, bits D15:D12 are ‘0’s
for 10-bit devices, bits D15:D10 are ‘0’s
for 8-bit devices, bits D15:D08 are ‘0’s
Memory Address(5)
I2C ACK Bit(1)
SA
6
S
SA
5
SA
4
SA
3
SA
2
SA
1
SA
0
0
0
A
AD
4
AD
3
AD
2
AD
1
AD
0
1
1
x
A
AD
n
A
A
P
S
x
SA
n
1
1
I2C Start Bit
I2C Slave Address
I2C Write Bit
Read Command
Reserved, Set to ‘0’
I2C Stop Bit(3)
D
nn Data (read from memory)
Control Byte
Read Command
Legend:
Sr
0
0
0
0
D
11
D
10
D
09
D
08
D
07
D
06
D
05
D
04
D
03
D
02
D
01
D
00
A
P
A
Data Read MSB
Data Read LSB
SA
6
SA
5
SA
4
SA
3
SA
2
SA
1
SA
0
1
Control Byte
A I2C ACK Bit(2)
I2C NACK Bit(4)
A
1 I2C Read Bit
Sr I2C Start Bit, Repeated
0
0
0
0
D
11
D
10
D
09
D
08
D
07
D
06
D
05
D
04
D
03
D
02
D
01
D
00
A
A
Data Read MSB
Data Read LSB
0
0
0
0
D
11
D
10
D
09
D
08
D
07
D
06
D
05
D
04
D
03
D
02
D
01
D
00
A
A
Data Read MSB
Data Read LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com