Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47CVB21 Datasheet(PDF) 55 Page - Microchip Technology

Part # MCP47CVB21
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB21 Datasheet(HTML) 55 Page - Microchip Technology

Back Button MCP47CVB21 Datasheet HTML 51Page - Microchip Technology MCP47CVB21 Datasheet HTML 52Page - Microchip Technology MCP47CVB21 Datasheet HTML 53Page - Microchip Technology MCP47CVB21 Datasheet HTML 54Page - Microchip Technology MCP47CVB21 Datasheet HTML 55Page - Microchip Technology MCP47CVB21 Datasheet HTML 56Page - Microchip Technology MCP47CVB21 Datasheet HTML 57Page - Microchip Technology MCP47CVB21 Datasheet HTML 58Page - Microchip Technology MCP47CVB21 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 55
MCP47CXBXX
Register 4-3 shows the format of the Power-Down
Control register. Each DAC has two bits to control the
power-down state of the DAC. This register is for the
volatile memory locations and the nonvolatile memory
locations. The width of this register is two times the
number of DACs for the device.
REGISTER 4-3:
POWER-DOWN CONTROL REGISTERS (09h/19h)
(VOLATILE/NONVOLATILE)
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0 R/W-n R/W-n R/W-n R/W-n
Single
—
—
—
—
———
———
——
—(1)
—(1) PD0B PD0A
Dual
—
—
—
—
—
—
—
—
—
—
—
—
PD1B PD1A PD0B PD0A
bit 15
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
= Single channel device
= Dual channel device
Single
Dual
bit 15-2
bit 15-4
Unimplemented: Read as ‘0’
bit 1-0
bit 3-0
PDxB:PDxA: DAC Power-Down Control bits(2)
11 = Powered down – VOUT is open circuit
10 = Powered down – VOUT is loaded with a 100 k resistor to ground
01 = Powered down – VOUT is loaded with a 1 k resistor to ground
00 = Normal operation (not powered down)
Note 1: Unimplemented bit, read as ‘0’.
2: See Table 5-5 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com