Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47CVB21 Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP47CVB21
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB21 Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP47CVB21 Datasheet HTML 39Page - Microchip Technology MCP47CVB21 Datasheet HTML 40Page - Microchip Technology MCP47CVB21 Datasheet HTML 41Page - Microchip Technology MCP47CVB21 Datasheet HTML 42Page - Microchip Technology MCP47CVB21 Datasheet HTML 43Page - Microchip Technology MCP47CVB21 Datasheet HTML 44Page - Microchip Technology MCP47CVB21 Datasheet HTML 45Page - Microchip Technology MCP47CVB21 Datasheet HTML 46Page - Microchip Technology MCP47CVB21 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 43
MCP47CXBXX
3.0
PIN DESCRIPTIONS
Overviews of the pin functions are provided in
Section 3.1 “Positive Power Supply Input (VDD)”
through Section 3.9 “No Connect (NC)”.
The descriptions of the pins for the single DAC output
device are listed in Table 3-1 and descriptions for the
dual DAC output device are listed in Table 3-2.
TABLE 3-1:
MCP47CXBX1 (SINGLE DAC) PIN FUNCTION TABLE
Pin
Symbol
I/O
Buffer
Type
Description
MSOP
10L
DFN
10L
QFN
16L
11
16
VDD
—
P
Supply Voltage Pin
22
1
A0
I
ST
I2C Slave Address Bit 0 Pin
33
2
VREF
A
Analog Voltage Reference Input/Output Pin
44
3
VOUT
A
Analog Buffered Analog Voltage Output Pin
5
5
4,5,6,7,
8,14,15
NC
—
—
Not Internally Connected
66
9
LAT/HVC
I
ST
DAC Wiper Register Latch/High-Voltage Command Pin.
The Latch pin allows the value in the Volatile DAC registers
(Wiper and Configuration bits) to be transferred to the DAC
output (VOUT).
High-voltage commands allow the user MTP Configuration
bits to be written.
77
10
VSS
—
P
Ground Reference Pin for all circuitries on the device
88
11
A1
I
ST
I2C Slave Address Bit 1 Pin
9
9
12
SCL
I
ST
I2C Serial Clock Pin
10
10
13
SDA
I/O
ST
I2C Serial Data Pin
—
—
17
EP
—
P
Exposed Thermal Pad Pin, must be connected to VSS
Note 1:
A = Analog, I = Input, ST = Schmitt Trigger, O = Output, I/O = Input/Output, P = Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com