Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47CVB21 Datasheet(PDF) 56 Page - Microchip Technology

Part # MCP47CVB21
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB21 Datasheet(HTML) 56 Page - Microchip Technology

Back Button MCP47CVB21 Datasheet HTML 52Page - Microchip Technology MCP47CVB21 Datasheet HTML 53Page - Microchip Technology MCP47CVB21 Datasheet HTML 54Page - Microchip Technology MCP47CVB21 Datasheet HTML 55Page - Microchip Technology MCP47CVB21 Datasheet HTML 56Page - Microchip Technology MCP47CVB21 Datasheet HTML 57Page - Microchip Technology MCP47CVB21 Datasheet HTML 58Page - Microchip Technology MCP47CVB21 Datasheet HTML 59Page - Microchip Technology MCP47CVB21 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 124 page
background image
MCP47CXBXX
DS20006089B-page 56
 2018-2019 Microchip Technology Inc.
Register 4-4 shows the format of the Gain Control and
System Status register. Each DAC has one bit to
control the gain of the DAC and two Status bits.
REGISTER 4-4:
GAIN CONTROL AND SYSTEM STATUS REGISTER (0Ah)
(VOLATILE)
U-0
U-0
U-0
U-0
U-0
U-0 R/W-n R/W-n R/C-1
R
U-0
U-0
U-0
U-0
U-0
U-0
Single
—
——
——
—
—(1)
G0
POR MTPMA
—
——
———
Dual
—
—
—
—
—
—
G1
G0
POR MTPMA
—
—
—
—
—
—
bit 15
bit 0
Legend:
R = Readable bit
W = Writable bit
C = Clearable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
= Single channel device
= Dual channel device
Single
Dual
bit 15-9
bit 15-10 Unimplemented: Read as ‘0’
—
bit 9
G1: DAC1 Output Driver Gain Control bit
1 = 2x gain; not applicable when VDD is used as VRL
(2)
0 =1x gain
bit 8
bit 8
G0: DAC0 Output Driver Gain Control bit
1 = 2x gain; not applicable when VDD is used as VRL
(2)
0 = 1x gain
bit 7
bit 7
POR: Power-on Reset (Brown-out Reset) Status bit
This bit indicates if a POR or BOR event has occurred since the last read command of this
register. Reading this register clears the state of the POR Status bit.
1 = A POR (BOR) event occurred since the last read of this register; reading this register clears
this bit
0 = A POR (BOR) event has not occurred since the last read of this register
bit 6
bit 6
MTPMA: MTP Memory Access Status bit(3)
This bit indicates if the MTP memory access is occurring.
1 = An MTP memory access is currently occurring (during the POR MTP read cycle or an MTP
write cycle is occurring); only serial commands addressing the volatile memory are allowed
0 = An MTP memory access is NOT currently occurring
bit 5-0
bit 5-0
Unimplemented: Read as ‘0’
Note 1:
Unimplemented bit, read as ‘0’.
2:
The DAC’s Gain bit is ignored and the gain is forced to 1x (Gx = 0) when the DAC voltage reference is
selected as VDD (VRxB:VRxA = 00).
3:
For devices configured as volatile memory, this bit is read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com