Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47CVB21 Datasheet(PDF) 85 Page - Microchip Technology

Part # MCP47CVB21
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB21 Datasheet(HTML) 85 Page - Microchip Technology

Back Button MCP47CVB21 Datasheet HTML 81Page - Microchip Technology MCP47CVB21 Datasheet HTML 82Page - Microchip Technology MCP47CVB21 Datasheet HTML 83Page - Microchip Technology MCP47CVB21 Datasheet HTML 84Page - Microchip Technology MCP47CVB21 Datasheet HTML 85Page - Microchip Technology MCP47CVB21 Datasheet HTML 86Page - Microchip Technology MCP47CVB21 Datasheet HTML 87Page - Microchip Technology MCP47CVB21 Datasheet HTML 88Page - Microchip Technology MCP47CVB21 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 85
MCP47CXBXX
8.0
TYPICAL APPLICATIONS
The MCP47CXBXX devices are general purpose,
single/dual channel voltage output DACs for various
applications where a precision operation with low
power is needed.
Applications generally suited for the devices are:
• Set Point or Offset Trimming
• Sensor Calibration
• Portable Instrumentation (Battery-Powered)
• Motor Control
8.1
Connecting to the I2C Bus Using
Pull-up Resistors
The SCL and SDA pins of the MCP47CXBXX devices
are open-drain configurations. These pins require a
pull-up resistor, as shown in Figure 8-2.
The pull-up resistor values (R1 and R2) for SCL and
SDA pins depend on the operating speed (standard,
fast and high speed) and loading capacitance of the I2C
bus line. A higher value of the pull-up resistor consumes
less power, but increases the signal transition time
(higher RC time constant) on the bus line; therefore, it
can limit the bus operating speed. The lower resistor
value, on the other hand, consumes higher power, but
allows higher operating speed. If the bus line has higher
capacitance due to long metal traces or multiple device
connections to the bus line, a smaller pull-up resistor is
needed to compensate for the long RC time constant.
The pull-up resistor is typically chosen between 1 k
and 10 k
ranges for Standard and Fast modes, and
less than 1 k
for High-Speed mode.
8.1.1
DEVICE CONNECTION TEST
The user can test the presence of the device on the I2C
bus line using a simple I2C command. This test can be
achieved by checking an Acknowledge response from
the device after sending a read or write command.
Figure 8-1 shows an example with a read command.
The steps are:
1.
Set the R/W bit “High” in the device’s address byte.
2.
Check the ACK bit of the address byte.
If the device Acknowledges (ACK = 0) the
command, then the device is connected;
otherwise, it is not connected.
3.
Send Stop bit.
FIGURE 8-1:
I2C Bus Connection Test.
1 2 34 5 678 9
SCL
SDA
A2 A1 A0 1
Start
Bit
Address Byte
Address Bits
R/W
Stop
Bit
Device
Response
A3
A4
A5
A6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com