Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47CVB21 Datasheet(PDF) 61 Page - Microchip Technology

Part # MCP47CVB21
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB21 Datasheet(HTML) 61 Page - Microchip Technology

Back Button MCP47CVB21 Datasheet HTML 57Page - Microchip Technology MCP47CVB21 Datasheet HTML 58Page - Microchip Technology MCP47CVB21 Datasheet HTML 59Page - Microchip Technology MCP47CVB21 Datasheet HTML 60Page - Microchip Technology MCP47CVB21 Datasheet HTML 61Page - Microchip Technology MCP47CVB21 Datasheet HTML 62Page - Microchip Technology MCP47CVB21 Datasheet HTML 63Page - Microchip Technology MCP47CVB21 Datasheet HTML 64Page - Microchip Technology MCP47CVB21 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 61
MCP47CXBXX
5.2
Voltage Reference Selection
The resistor ladder has up to four sources for the refer-
ence voltage. The selection of the voltage reference
source is specified with the Volatile VREF1:VREF0
Configuration bits (see Register 4-2). The selected
voltage source is connected to the VRL node (see
Figure 5-3 and Figure 5-4).
The four voltage source options for the Resistor Ladder
are:
1.
VDD pin voltage.
2.
Internal Band Gap Voltage Reference (VBG).
3.
VREF pin voltage – unbuffered.
4.
VREF pin voltage – internally buffered.
On a POR/BOR event, the default configuration state or
the value written in the Nonvolatile register is latched into
the Volatile VREF1:VREF0 Configuration bits.
If the VREF pin is used with an external voltage source,
then the user must select between Buffered or
Unbuffered mode.
FIGURE 5-3:
Resistor Ladder Reference
Voltage Selection Block Diagram.
FIGURE 5-4:
Reference Voltage Selection
Implementation Block Diagram.
5.2.1
USING VDD AS VREF
When the user selects the VDD as reference, the VREF
pin voltage is not connected to the resistor ladder. The
VDD voltage is internally connected to the resistor
ladder.
5.2.2
USING AN EXTERNAL VREF
SOURCE IN UNBUFFERED MODE
In this case, the VREF pin voltage may vary from VSS to
VDD. The voltage source should have a low output
impedance. If the voltage source has a high output
impedance, then the voltage on the VREF pin could be
lower than expected. The resistor ladder has a typical
impedance of 71 k
 and a typical capacitance of 29 pF.
If a single VREF pin is supplying multiple DACs, the
VREF pin source must have adequate current capability
to support the number of DACs. It must be assumed
that the Resistor Ladder Resistance (RRL) of each DAC
is at the minimum specified resistance and these
resistances are in parallel.
If the VREF pin is tied to the VDD voltage, selecting
the VDD Reference mode (VREF1:VREF0 = 00) is
recommended.
VRL
VDD
Buffer
VREF1:VREF0
VREF
Band Gap
Note 1: The Band Gap Voltage (VBG) is 1.214V
typical. The band gap output goes
through the buffer with a 2x gain to
create the VRL voltage. See Table 5-1
for additional information on the
band gap circuit.
VDD
VRL
Band Gap(1)
(1.214V typical)
VDD
VDD
VREF
PD1:PD0 and
VREF1:VREF0
PD1:PD0 and
VREF1:VREF0
PD1:PD0 and
VREF1:VREF0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com