Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47CVB21 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP47CVB21
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB21 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP47CVB21 Datasheet HTML 10Page - Microchip Technology MCP47CVB21 Datasheet HTML 11Page - Microchip Technology MCP47CVB21 Datasheet HTML 12Page - Microchip Technology MCP47CVB21 Datasheet HTML 13Page - Microchip Technology MCP47CVB21 Datasheet HTML 14Page - Microchip Technology MCP47CVB21 Datasheet HTML 15Page - Microchip Technology MCP47CVB21 Datasheet HTML 16Page - Microchip Technology MCP47CVB21 Datasheet HTML 17Page - Microchip Technology MCP47CVB21 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 124 page
background image
MCP47CXBXX
DS20006089B-page 14
 2018-2019 Microchip Technology Inc.
DC CHARACTERISTICS (CONTINUED)
Standard Operating Conditions (unless otherwise specified):
Operating Temperature: -40°C
 TA  +125°C (Extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to 5.5V, VREF = +1.000V to VDD, VSS =0V, RL =2 k from VOUT to GND, CL = 100 pF.
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Multi-Time Programming Memory (MTP)
MTP Programming
Voltage(1)
VPG_MTP
2.0
—
5.5
V
HVC = VIHH, -20°C  TA  +125°C
LAT/HVC Pin Voltage
for MTP Programming
(high-voltage
commands)
VIHH
7.25
7.5
7.75V
V
The LAT/HVC pin will be at one of the
three input levels (VIL, VIH or VIHH)(1,11),
the LAT/HVC pin must supply the
required MTP programming current
(up to 6.4 mA)
Writes Cycles
—
—
—
32(12)
Cycles Note 1
Data Retention
DRMTP
10
—
—
Years At +85°C(1)
MTP Range
N
0h
—
FFh
Hex
8-bit
0h
—
3FFh
Hex
10-bit
0h
—
FFFh
Hex
12-bit
0000h
7FFFh
Hex
All general purpose memory
Initial Factory Setting
N
See Table 4-2
—
MTP Programming
Write Cycle Time(1)
tWC(MTP)
——
250
µs
VDD = +2.0V to 5.5V,
-20°C
 TA  +125°C
Note 1
This parameter is ensured by design.
Note 11 High-voltage on the LAT/HVC pin must be limited to the command + programming time. After the
programming cycle, the LAT/HVC pin voltage must be returned to 5.5V or lower.
Note 12 After 32 MTP write cycles, writes are inhibited and the 32nd write value is retained (not corrupted).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com