Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47CVB21 Datasheet(PDF) 57 Page - Microchip Technology

Part # MCP47CVB21
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB21 Datasheet(HTML) 57 Page - Microchip Technology

Back Button MCP47CVB21 Datasheet HTML 53Page - Microchip Technology MCP47CVB21 Datasheet HTML 54Page - Microchip Technology MCP47CVB21 Datasheet HTML 55Page - Microchip Technology MCP47CVB21 Datasheet HTML 56Page - Microchip Technology MCP47CVB21 Datasheet HTML 57Page - Microchip Technology MCP47CVB21 Datasheet HTML 58Page - Microchip Technology MCP47CVB21 Datasheet HTML 59Page - Microchip Technology MCP47CVB21 Datasheet HTML 60Page - Microchip Technology MCP47CVB21 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 57
MCP47CXBXX
Register 4-5 shows the format of the Nonvolatile Gain
Control and Slave Address register. Each DAC has
one bit to control the gain of the DAC. I2C devices also
have seven bits that are the I2C Slave address.
REGISTER 4-5:
GAIN CONTROL AND SLAVE ADDRESS REGISTER (1Ah)
(NONVOLATILE)
U-0
U-0 U-0 U-0 U-0 U-0 R/W-n R/W-n U-0 R/W-n R/W-n R/W-n R/W-n R/W-n R/W-n R/W-n
Single
—
—
—
—
—
—
G1
G0
—
ADD6
ADD5
ADD4
ADD3 ADD2 ADD1
ADD0
Dual
—
—
—
—
—
—
G1
G0
—
ADD6
ADD5
ADD4
ADD3 ADD2 ADD1
ADD0
bit 15
bit 0
Legend:
R = Readable bit
W = Writable bit
C = Clearable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
= Single-channel device
= Dual-channel device
Single
Dual
bit 15-10
bit 15-10
Unimplemented: Read as ‘0’
bit 9-8
bit 9-8
Gx: DAC Output Driver Gain Control bits(1)
1 = 2x gain
0 = 1x gain
bit 7
bit 7
Unimplemented: Read as ‘0’
bit 6-0
bit 6-0
ADD6:ADD0: I2C 7-Bit Slave Address bits(2)
Note 1: When the DAC voltage reference is selected as VDD (VRxB:VRxA = 00), the DAC’s Gain bit is ignored and
the gain is forced to 1x (Gx = 0).
2: For I2C devices that have the A1 and A0 pins, the 7-bit Slave address is ADD6:ADD2 + A1:A0. For devices
without the A1 and A0 pins, the 7-bit Slave address is ADD6:ADD0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com