Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47CVB21 Datasheet(PDF) 78 Page - Microchip Technology

Part # MCP47CVB21
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB21 Datasheet(HTML) 78 Page - Microchip Technology

Back Button MCP47CVB21 Datasheet HTML 74Page - Microchip Technology MCP47CVB21 Datasheet HTML 75Page - Microchip Technology MCP47CVB21 Datasheet HTML 76Page - Microchip Technology MCP47CVB21 Datasheet HTML 77Page - Microchip Technology MCP47CVB21 Datasheet HTML 78Page - Microchip Technology MCP47CVB21 Datasheet HTML 79Page - Microchip Technology MCP47CVB21 Datasheet HTML 80Page - Microchip Technology MCP47CVB21 Datasheet HTML 81Page - Microchip Technology MCP47CVB21 Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 124 page
background image
MCP47CXBXX
DS20006089B-page 78
 2018-2019 Microchip Technology Inc.
7.6
Read Command
Read commands are used to transfer data from the
specified memory location to the Host controller.
The read command can be issued to both the volatile
and nonvolatile memory locations. During an MTP
memory write cycle, the read command can only read
the volatile memory locations. By reading the Status
Register (0Ah), the Host controller can determine
when the Write Cycle (twc) has been completed (via
the state of the MTPMA bit).
The read command formats include:
• Single Read
- Single Memory Address
- Last Memory Address Accessed
• Continuous Reads
The MCP47CXBXX retains the last received device
memory address. This means the MCP47CXBXX does
not corrupt the device memory address after Repeated
Start or Stop conditions.
7.6.1
SINGLE READ
The read command format writes two bytes, the control
byte and the read command byte (desired memory
address and the read command), and then has a
Restart condition. Then, a second control byte is
transmitted, but this control byte indicates an I2C read
operation (R/W bit = 1).
7.6.1.1
Single Memory Address
Figure 7-4 shows the sequence for reading a specified
memory address.
7.6.1.2
Last Memory Address Accessed
This is useful for checking the status of the MTPMA bit
or when writes to other I2C devices on the bus must
occur between these memory reads. The Master must
send a Stop or Restart condition after the data word is
sent from the Slave. Figure 7-5 shows the waveforms
for a single read of the last memory location accessed.
7.6.2
CONTINUOUS READS
Continuous reads allow the device’s memory to be
read quickly and are valid for all memory locations.
Figure 7-7 shows the sequence for three continuous
reads.
For continuous reads, instead of transmitting a Stop or
Restart condition after the data transfer, the Master
continually reads the data byte. The sequence ends
with the Master Not Acknowledging and then sending a
Stop or Restart.
7.6.3
IGNORING AN I2C TRANSMISSION
AND “FALLING OFF” THE BUS
The MCP47CXBXX expects to receive complete, valid
I2C commands and will assume any command not
defined as a valid command is due to a bus corruption,
thus entering a passive high condition on the SDA
signal. All signals will be ignored until the next valid
Start condition and control byte are received.
Note 1: During device communication, if the
device address/command combination is
invalid or an unimplemented address is
specified, the MCP47CXBXX will NACK
that byte. To reset the I2C state machine,
the I2C communication must detect a
Start bit.
2: If the LAT pin is high (VIH), reads of the
Volatile DAC register return the current
output value, not the internal register
value.
3: The read commands operate the same
regardless of the state of the High-Voltage
Command (HVC) signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com