Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47CVB21 Datasheet(PDF) 60 Page - Microchip Technology

Part # MCP47CVB21
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB21 Datasheet(HTML) 60 Page - Microchip Technology

Back Button MCP47CVB21 Datasheet HTML 56Page - Microchip Technology MCP47CVB21 Datasheet HTML 57Page - Microchip Technology MCP47CVB21 Datasheet HTML 58Page - Microchip Technology MCP47CVB21 Datasheet HTML 59Page - Microchip Technology MCP47CVB21 Datasheet HTML 60Page - Microchip Technology MCP47CVB21 Datasheet HTML 61Page - Microchip Technology MCP47CVB21 Datasheet HTML 62Page - Microchip Technology MCP47CVB21 Datasheet HTML 63Page - Microchip Technology MCP47CVB21 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 124 page
background image
MCP47CXBXX
DS20006089B-page 60
 2018-2019 Microchip Technology Inc.
5.1
Resistor Ladder
The resistor ladder is a digital potentiometer with the
A Terminal connected to the selected reference voltage
and the B Terminal internally grounded (see Figure 5-2).
The Volatile DAC register controls the wiper position.
The Wiper Voltage (VW) is proportional to the DAC
register value divided by the number of Resistor
Elements (RS) in the ladder (256, 1024 or 4096) related
to the VRL voltage.
The output of the resistor network will drive the input of
an output buffer.
The resistor network is made up of three parts:
• Resistor Ladder (string of RS elements)
• Wiper Switches
• DAC Register Decode
The resistor ladder has a typical impedance (RRL) of
approximately 71 k
. This Resistor Ladder Resistance
(RRL) may vary from device to device, up to ±10%.
Since this is a voltage divider configuration, the actual
RRL resistance does not affect the output, given a fixed
voltage at VRL.
Equation 5-1 shows the calculation for the step
resistance.
If the unbuffered VREF pin is used as the VRL voltage
source, the external voltage source should have a low
output impedance.
When the DAC is powered down, the resistor ladder is
disconnected from the selected reference voltage.
FIGURE 5-2:
Resistor Ladder Model
Block Diagram.
EQUATION 5-1:
RS CALCULATION
Note:
The maximum wiper position is 2n –1,
while the number of resistors in the
resistor ladder is 2n. This means that
when the DAC register is at full scale,
there is one Resistor Element (RS)
between the wiper and the VRL voltage.
VW
Analog MUX
Note 1: The analog Switch Resistance (RW)
does not affect performance due to
the voltage divider configuration.
RS(2)
DAC
Register
RS(1)
RS(2n – 1)
RS(2n – 2)
RS(2n – 3)
RS(2n)
VRL
RRL
RW(1)
RW(1)
RW(1)
RW(1)
RW(1)
RW(1)
2n – 1
2n – 2
1
0
2
2n – 3
RS
RRL
256

--------------
=
RS
RRL
1024

------------------
=
8-Bit Device
10-Bit Device
RS
RRL
4096

------------------
=
12-Bit Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com