Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47CVB21 Datasheet(PDF) 89 Page - Microchip Technology

Part # MCP47CVB21
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB21 Datasheet(HTML) 89 Page - Microchip Technology

Back Button MCP47CVB21 Datasheet HTML 85Page - Microchip Technology MCP47CVB21 Datasheet HTML 86Page - Microchip Technology MCP47CVB21 Datasheet HTML 87Page - Microchip Technology MCP47CVB21 Datasheet HTML 88Page - Microchip Technology MCP47CVB21 Datasheet HTML 89Page - Microchip Technology MCP47CVB21 Datasheet HTML 90Page - Microchip Technology MCP47CVB21 Datasheet HTML 91Page - Microchip Technology MCP47CVB21 Datasheet HTML 92Page - Microchip Technology MCP47CVB21 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 89
MCP47CXBXX
8.5
Selectable Gain and Offset Bipolar
Voltage Output
In some applications, precision digital control of the
output range is desirable. Figure 8-6 illustrates how to
use the DAC devices to achieve this in a bipolar or
single-supply application.
This circuit is typically used for linearizing a sensor
whose slope and offset varies.
The equation to design a bipolar “window” DAC would
be utilized if R3, R4 and R5 are populated.
8.5.1
BIPOLAR DAC EXAMPLE
An output step-size of 1 mV, with an output range of
±2.05V, is desired for a particular application.
The equation can be simplified to:
EQUATION 8-4:
EQUATION 8-5:
FIGURE 8-6:
Bipolar Voltage Source with
Selectable Gain and Offset.
EQUATION 8-6:
VOUT, VOA+ AND VO
CALCULATIONS
EQUATION 8-7:
BIPOLAR “WINDOW” DAC
USING R4 AND R5
Step 1: Calculate the range: +2.05V – (-2.05V) = 4.1V
Step 2: Calculate the resolution needed:
4.1V/1 mV = 4100
Since 212 = 4096, 12-bit resolution is desired
Step 3: The amplifier gain (R2/R1), multiplied by
full-scale VOUT (4.096V), must be equal to
the desired minimum output to achieve bipo-
lar operation. Since any gain can be realized
by choosing resistor values (R1 + R2), the
VREF value must be selected first. If a VREF
of 4.096V is used, solve for the amplifier’s
gain by setting the DAC to 0, knowing that
the output needs to be -2.05V.
Step 4: Next, solve for R3 and R4 by setting the
DAC to 4096, knowing that the output
needs to be +2.05V.
R2
–
R1
---------
2.05
–
4.096V
-----------------
=
If R1 = 20 k and R2 = 10 k, the gain will be 0.5.
R2
R1
------
1
2
---
=
R4
R3 R4
+

------------------------
2.05V
0.5 4.096V

+
1.5 4.096V
-------------------------------------------------------
2
3
---
==
If R4 = 20 k, then R3 = 10 k.
R3
VCC+
VCC-
VOUT
I2C
2-Wire
VREF
Optional
MCP47CVBXX
VDD
R2
VO
VIN
R1
R4
C1
R5
Optional
VOA+
VCC+
VCC-
C1 = 0.1 µF
Offset Adjust
Gain Adjust
VOUT = VREF • G •
DAC Register Value
2N
VOA+ =
VOUT • R4 + VCC- • R5
R3 + R4
VO = VOA+ • (1 +
) – VIN • (
)
R2
R1
R2
R1
Thevenin
Equivalent
V45
VCC+R4 VCC-R5
+
R4 R5
+
---------------------------------------------
=
VIN+
VOUTR45 V45R3
+
R3 R45
+
---------------------------------------------
=
R45
R4R5
R4 R5
+
-------------------
=
VO
VIN+ 1
R2
R1
------
+

 V
A
R2
R1
------


–
=
Offset Adjust Gain Adjust



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com